Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 20Page - Microchip Technology USB4715 Datasheet HTML 21Page - Microchip Technology USB4715 Datasheet HTML 22Page - Microchip Technology USB4715 Datasheet HTML 23Page - Microchip Technology USB4715 Datasheet HTML 24Page - Microchip Technology USB4715 Datasheet HTML 25Page - Microchip Technology USB4715 Datasheet HTML 26Page - Microchip Technology USB4715 Datasheet HTML 27Page - Microchip Technology USB4715 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
USB4715
DS00002514B-page 24
2022 Microchip Technology Inc. and its subsidiaries
7.3.1.2
Adaptive OUT 48KHz Streaming
In this mode, the codec sampling clock is initially set to 48Khz based on the local oscillator. The host data is fed into the
OUT FIFO. The host will send the same amount of data on every frame, i.e. 48KHz of data based on the host clock. The
codec sampling clock is asynchronous to the host clock. This will cause the amount of data in the OUT FIFO to vary. If
the amount of data in the FIFO exceeds the high water mark, then the sampling clock is increased. If the data is between
the high and low water mark, the sampling clock does not change. If the data is below the low water mark, the sampling
clock is decreased.
7.3.1.3
Synchronous Operation
For synchronous operation, the internal clock must be synchronized with the host SOF. The Frame SOF is nominally
1mS. Since there is significant jitter in the SOFs, there is circuitry provided to measure the SOFs over a long period of
time to get a more accurate reading. The calculated host frequency is used to calculate the codec sampling clock.
7.4
UART Interface
The device incorporates a configurable universal asynchronous receiver/transmitter (UART) that is functionally compat-
ible with the NS 16550AF, 16450, 16450 ACE registers and the 16C550A. The UART performs serial-to-parallel con-
version on received characters and parallel-to-serial conversion on transmit characters. Two sets of baud rates are
provided: 24 Mhz and 16 MHz. When the 24 Mhz source clock is selected, standard baud rates from 50 to 115.2 K are
available. When the source clock is 16 MHz, baud rates from 125 K to 1,000 K are available. The character options are
programmable for the transmission of data in word lengths of from five to eight, 1 start bit; 1, 1.5 or 2 stop bits; even,
odd, sticky or no parity; and prioritized interrupts. The UART contains a programmable baud rate generator that is capa-
ble of dividing the input clock or crystal by a number from 1 to 65535. The UART is also capable of supporting the MIDI
data rate.
7.4.1
TRANSMIT OPERATION
Transmission is initiated by writing the data to be sent to the TX Holding Register or TX FIFO (if enabled). The data is
then transferred to the TX Shift Register together with a start bit and parity and stop bits as determined by settings in
the Line Control Register. The bits to be transmitted are then shifted out of the TX Shift Register in the order Start bit,
Data bits (LSB first), Parity bit, Stop bit, using the output from the Baud Rate Generator (divided by 16) as the clock.
If enabled, a TX Holding Register Empty interrupt will be generated when the TX Holding Register or the TX FIFO (if
enabled) becomes empty.
When FIFOs are enabled (i.e. bit 0 of the FIFO Control Register is set), the UART can store up to 16 bytes of data for
transmission at a time. Transmission will continue until the TX FIFO is empty. The FIFO’s readiness to accept more data
is indicated by interrupt.
7.4.2
RECEIVE OPERATION
Data is sampled into the RX Shift Register using the Receive clock, divided by 16. The Receive clock is provided by the
Baud Rate Generator. A filter is used to remove spurious inputs that last for less than two periods of the Receive clock.
When the complete word has been clocked into the receiver, the data bits are transferred to the RX Buffer Register or
to the RX FIFO (if enabled) to be read by the CPU. (The first bit of the data to be received is placed in bit 0 of this reg-
ister.) The receiver also checks that the parity bit and stop bits are as specified by the Line Control Register.
If enabled, an RX Data Received interrupt will be generated when the data has been transferred to the RX Buffer Reg-
ister or, if FIFOs are enabled, when the RX Trigger Level has been reached. Interrupts can also be generated to signal
RX FIFO Character Timeout, incorrect parity, a missing stop bit (frame error) or other Line Status errors.
When FIFOs are enabled (i.e. bit 0 of the FIFO Control Register is set), the UART can store up to 16 bytes of received
data at a time. Depending on the selected RX Trigger Level, interrupt will go active to indicate that data is available when
the RX FIFO contains 1, 4, 8 or 14 bytes of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com