Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology USB4715 Datasheet HTML 15Page - Microchip Technology USB4715 Datasheet HTML 16Page - Microchip Technology USB4715 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 13
USB4715
3.3
Configuration Straps and Programmable Functions
Configuration straps are multi-function pins that are used during Power-On Reset (POR) or external chip reset
(
RESET_N) to determine the default configuration of a particular feature. The state of the signal is latched following de-
assertion of the reset. Configuration straps are identified by an underlined symbol name. This section details the various
device configuration straps and associated programmable pin functions.
3.3.1
PORT DISABLE CONFIGURATION (
PRT_DIS_P[4:1] / PRT_DIS_M[4:1])
The
PRT_DIS_P[4:1] / PRT_DIS_M[4:1] configuration straps are used in conjunction to disable the related port (4-1).
For
PRT_DIS_Px (where x is the corresponding port 4-1):
0 = Port x D+ Enabled
1 = Port x D+ Disabled
For
PRT_DIS_Mx (where x is the corresponding port 4-1):
0 = Port x D- Enabled
1 = Port x D- Disabled
3.3.2
NON-REMOVABLE PORT CONFIGURATION (
CFG_NON_REM)
The
CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of
five settings. These modes are selected by the configuration of an external resistor on the
CFG_NON_REM pin. The
resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, and 10 Ω pull-down, as shown
in Table 3-3.
3.3.3
BATTERY CHARGING CONFIGURATION (
CFG_BC_EN)
The
CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of five
settings. These modes are selected by the configuration of an external resistor on the
CFG_BC_EN pin. The resistor
options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, and 10 Ω pull-down, as shown in
Table 3-4.
Note:
The system designer must guarantee that configuration straps meet the timing requirements specified in
Section 9.6.2, "Power-On and Configuration Strap Timing" and Section 9.6.3, "Reset and Configuration
Strap Timing". If configuration straps are not at the correct voltage level prior to being latched, the device
may capture incorrect strap values.
Note:
Both
PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable
the associated downstream port.
TABLE 3-3:
CFG_NON_REM RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
Port 1- removable
200 kΩ Pull-Up
Port 1 non-removable
10 kΩ Pull-Down
Port 1, 2 non-removable
10 kΩ Pull-Up
Port 1, 2, 3 non-removable
10 Ω Pull-Down
Port 1, 2, 3, 4 non-removable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com