Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology USB4715 Datasheet HTML 15Page - Microchip Technology USB4715 Datasheet HTML 16Page - Microchip Technology USB4715 Datasheet HTML 17Page - Microchip Technology USB4715 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
USB4715
DS00002514B-page 14
2022 Microchip Technology Inc. and its subsidiaries
3.3.4
PROG_FUNC[8:1] CONFIGURATION (CONFIG_STRAP_[2:1])
The USB4715 provides 8 programmable function pins (
PROG_FUNC[8:1]). These pins can be configured to 6 pre-
defined configurations via the
CONFIG_STRAP_[2:1] pins. These configurations are selected via external resistors on
the
CONFIG_STRAP_[2:1] pins, as detailed in Table 3-5. Resistor values and combinations not detailed in Table 3-5
are reserved and should not be used.
A summary of the configuration pin assignments for each of the 6 configurations is provided in Table 3-6. For details on
behavior of each programmable function, refer to Table 3-7.
TABLE 3-4:
CFG_BC_EN RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
No battery charging
200 kΩ Pull-Up
Port 1 battery charging
10 kΩ Pull-Down
Port 1, 2 battery charging
10 kΩ Pull-Up
Port 1, 2, 3 battery charging
10 Ω Pull-Down
Port 1, 2, 3, 4 battery charging
TABLE 3-5:
CONFIG_STRAP_[2:1] RESISTOR ENCODING
Mode
CONFIG_STRAP_2
Resistor Value
CONFIG_STRAP_1
Resistor Value
Configuration 1
200 kΩ Pull-Down
200 kΩ Pull-Down
Configuration 2
200 kΩ Pull-Down
200 kΩ Pull-Up
Configuration 3
200 kΩ Pull-Down
10 kΩ Pull-Down
Configuration 4
200 kΩ Pull-Down
10 kΩ Pull-Up
Configuration 5
200 kΩ Pull-Down
10 Ω Pull-Down
Configuration 6
200 kΩ Pull-Down
10 Ω Pull-Up
TABLE 3-6:
PROG_FUNC[8:1] FUNCTION ASSIGNMENT
Pin
Configuration
1
Configuration
2
Configuration
3
Configuration
4
Configuration
5
Configuration
6
PROG_FUNC_1
SMB1_DAT
SMB1_DAT
SMB1_DAT
SMB1_DAT
SMB1_DAT
SMB1_DAT
PROG_FUNC_2
I2S_LRCK
UART_TX
CONNECT_IND1
UART_TX
UART_TX
I2S_LRCK
PROG_FUNC_3
I2S_SDOUT
UART_RX
CONNECT_IND2
UART_RX
UART_RX
I2S_SDOUT
PROG_FUNC_4
I2S_SDIN
GPIO6
CONNECT_IND3
GPIO6
GPIO6
I2S_SDIN
PROG_FUNC_5
I2S_MCLK
GPIO8
GPIO8
GPIO8
SMB2_DAT
I2S_MCLK
PROG_FUNC_6
I2S_SCK
GPIO10
GPIO10
GPIO10
SMB2_CLK
I2S_SCK
PROG_FUNC_7
MIC_DET
GPIO11
CONNECT_IND4
GPIO11
GPIO11
GPIO11
PROG_FUNC_8
SMB1_CLK
SMB1_CLK
SMB1_CLK
SMB1_CLK
SMB1_CLK
SMB1_CLK
TABLE 3-7:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS
Function
Buffer
Type
Description
UART Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com