Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 5Page - Microchip Technology USB4715 Datasheet HTML 6Page - Microchip Technology USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 9
USB4715
3.2
Pin Descriptions
TABLE 3-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB Interface
USB Upstream
D+
USBH_DP0
I/O-U
Upstream USB 2.0 Data Plus (D+)
USB Upstream
D-
USBH_DM0
I/O-U
Upstream USB 2.0 Data Minus (D-)
USB
Downstream
Ports 4-1 D+
FLEX_USB_DP[4:1]
I/O-U
Downstream USB 2.0 Ports 4-1 Data Plus (D+)
USB
Downstream
Ports 4-1 D-
FLEX_USB_DM[4:1]
I/O-U
Downstream USB 2.0 Ports 4-1 Data Minus (D-)
USB Port Control Pins
USB Ports 4-1
Power Enable
PRT_CTL[4:1]
I/O12
When the downstream port is enabled, this pin is set as
an input with an internal pull-up resistor applied. The
internal pull-up enables power to the downstream port
while the pin monitors for an active low overcurrent sig-
nal assertion from an external current monitor on USB
port 4. This pin will change to an output and be driven
low when the port is disabled by configuration or by the
host control.
USB Ports 4-1
Overcurrent
Sense
OCS[4:1]
I/O12
Overcurrent sense for ports 4-1.
Gang Power
PRT_CTL_GANG
I/O12
This pin becomes the port control pin for all downstream
ports when the hub is configured for ganged port power
control mode. All port power controllers are controlled
from this pin when the hub is configured for ganged port
power mode.
SPI Interface Pins
SPI Clock
SPI_CLK
I/O4
SPI clock.
SPI Data Out
SPI_DO
I/O4
SPI output data. If the SPI interface is enabled, this sig-
nal is the data out for the SPI port.
SPI Data In
SPI_DI
I/O4
SPI input data. If the SPI interface is enabled, this signal
must have a weak pull-down applied at all times to pre-
vent floating.
Note:
If SPI interface is not utilized, this pin cannot
be left floating. It must be connected per the
CFG_BC_EN pin description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com