Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 23Page - Microchip Technology USB4715 Datasheet HTML 24Page - Microchip Technology USB4715 Datasheet HTML 25Page - Microchip Technology USB4715 Datasheet HTML 26Page - Microchip Technology USB4715 Datasheet HTML 27Page - Microchip Technology USB4715 Datasheet HTML 28Page - Microchip Technology USB4715 Datasheet HTML 29Page - Microchip Technology USB4715 Datasheet HTML 30Page - Microchip Technology USB4715 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 27
USB4715
8.6
USB to UART Bridging
The USB to UART bridging feature of the USB4715 provides system designers with expanded system control and
potential BOM reduction. When using Microchip’s USB hubs, a separate USB to UART device is no longer required and
a downstream USB port is not lost, as occurs when a standalone USB to UART device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable/Disable UART Interface
• Set UART Interface Baud Rate
• UART Write
• UART Read
For detailed information on utilizing the USB4715 USB to UART bridging feature, refer to the application note “AN2426
- USB to UART Bridging with Microchip USB4715, USB4916, and USB4927 Hubs”, which can be found on the Microchip
USB4715 product page at www.microchip.com/USB4715.
8.7
Link Power Management (LPM)
The device supports the L0 (On), L1 (Sleep), and L2 (Suspend) link power management states. These supported LPM
states offer low transitional latencies in the tens of microseconds versus the much longer latencies of the traditional USB
suspend/resume in the tens of milliseconds. The supported LPM states are detailed in Table 8-1.
8.8
Port Power Control
Port power and over-current sense share the same pin (
PRT_CTLx) for each port. These functions can be controlled
directly from the USB hub, or via the processor.
The device can be configured into the following port control modes:
• Ganged Mode
• Combined Mode
8.8.1
PORT CONNECTION IN GANGED MODE
In this mode, one pin (
PRT_CTL_GANG) is used to control port power and over-current sensing.
8.8.2
PORT CONNECTION IN COMBINED MODE
8.8.2.1
Port Power Control using USB Power Switch
When operating in combined mode, the device will have one port power control and over-current sense pin for each
downstream port. When disabling port power, the driver will actively drive a '0'. To avoid unnecessary power dissipation,
the pull-up resistor will be disabled at that time. When port power is enabled, it will disable the output driver and enable
the pull-up resistor, making it an open drain output. If there is an over-current situation, the USB Power Switch will assert
the open drain OCS signal. The Schmidt trigger input will recognize that as a low. The open drain output does not inter-
fere. The over-current sense filter handles the transient conditions such as low voltage while the device is powering up.
TABLE 8-1:
LPM STATE DEFINITIONS
State
Description
Entry/Exit Time to L0
L2
Suspend
Entry: ~3 ms
Exit: ~2 ms (from start of RESUME)
L1
Sleep
Entry: <10 us
Exit: <50 us
L0
Fully Enabled (On)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com