Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology USB4715 Datasheet HTML 15Page - Microchip Technology USB4715 Datasheet HTML 16Page - Microchip Technology USB4715 Datasheet HTML 17Page - Microchip Technology USB4715 Datasheet HTML 18Page - Microchip Technology USB4715 Datasheet HTML 19Page - Microchip Technology USB4715 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
USB4715
DS00002514B-page 16
2022 Microchip Technology Inc. and its subsidiaries
4.0
DEVICE CONNECTIONS
4.1
Power Connections
Figure 4-1 illustrates the device power connections.
4.2
SPI Flash Connections
Figure 4-2 illustrates the device SPI Flash connections.
FIGURE 4-1:
POWER CONNECTIONS
FIGURE 4-2:
SPI FLASH CONNECTIONS
+3.3V
Supply
USB4715
3.3V Internal Logic
VDDIO33
VSS
1.2V Internal Logic
VDDCR12
1uF
VDDPLLREF33
USB4715
SPI_CE_N/SQI_CE_N
SPI_CLK/SQI_CLK
SPI_DO/SQI_D0
SPI_DI/SQI_D1
SPI Flash
CE#
CLK
SIO0
SIO1
SQI_D2
SQI_D3
SIO2/WPn
SIO3/HOLDn
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com