Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 7Page - Microchip Technology USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology USB4715 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00002514B-page 11
USB4715
External 25 MHz
Reference Clock
Input
CLK_IN
ICLK
External reference clock input.
The device may alternatively be driven by a single-
ended clock oscillator. When this method is used,
XTALO should be left unconnected.
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output.
Test
TESTEN
A
Test pin.
This signal is used for test purposes and must always
be connected to ground.
Analog Test
ATEST
A
Analog test pin.
This signal is used for test purposes and must always
be connected to ground.
Test 1
TEST1
A
Test 1 pin.
This signal is used for test purposes and must always
be pulled-up to 3.3V via a 4.7 kΩ resistor.
Test 2
TEST2
A
Test 2 pin.
This signal is used for test purposes and must always
be pulled-down to ground via a 4.7 kΩ resistor.
Test 3
TEST3
A
Test 3 pin.
This signal is used for test purposes and must always
be pulled-down to ground via a 4.7 kΩ resistor.
Configuration Straps
Device Mode
Configuration
Straps 2-1
CONFIG_STRAP_[2:1]
I
Device mode configuration straps 2-1.
These configuration straps are used to select the
device’s mode of operation. See Note 3-1.
Refer to Section 3.3.4, "PROG_FUNC[8:1] Configura-
tion (CONFIG_STRAP_[2:1])" for additional information.
Port 4-1 D+
Disable
Configuration
Strap
PRT_DIS_P[4:1]
I
Port 4-1 D+ Disable configuration strap.
These configuration straps are used in conjunction with
the corresponding
PRT_DIS_M[4:1] straps to disable
the related port (5-1). See Note 3-1.
Both USB data pins for the corresponding port must be
tied to 3.3V to disable the associated downstream port.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com