Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4715 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB4715
Description  USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4715 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB4715 Datasheet HTML 8Page - Microchip Technology USB4715 Datasheet HTML 9Page - Microchip Technology USB4715 Datasheet HTML 10Page - Microchip Technology USB4715 Datasheet HTML 11Page - Microchip Technology USB4715 Datasheet HTML 12Page - Microchip Technology USB4715 Datasheet HTML 13Page - Microchip Technology USB4715 Datasheet HTML 14Page - Microchip Technology USB4715 Datasheet HTML 15Page - Microchip Technology USB4715 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
USB4715
DS00002514B-page 12
2022 Microchip Technology Inc. and its subsidiaries
Note 3-1
Configuration strap values are latched on Power-On Reset (POR) and the rising edge of
RESET_N
(external chip reset). Configuration straps are identified by an underlined symbol name. Signals that
function as configuration straps must be augmented with an external resistor when connected to a
load. For additional information, refer to Section 3.3, "Configuration Straps and Programmable
Functions".
Port 4-1 D-
Disable
Configuration
Strap
PRT_DIS_M[4:1]
I
Port 4-1 D- Disable configuration strap.
These configuration straps are used in conjunction with
the corresponding
PRT_DIS_P[4:1] straps to disable the
related port (5-1). See Note 3-1.
Both USB data pins for the corresponding port must be
tied to 3.3V to disable the associated downstream port.
Non-Removable
Ports
Configuration
Strap
CFG_NON_REM
I
Non-Removable Ports Configuration Strap.
This configuration strap controls the number of reported
non-removable ports. See Note 3-1.
Battery Charging
Configuration
Strap
CFG_BC_EN
I
Battery Charging Configuration Strap.
This configuration strap controls the number of BC 1.2
enabled downstream ports. See Note 3-1.
Power/Ground
+3.3V I/O Power
Supply Input
VDDIO33
P
+3.3V I/O power supply input.
+3.3V Analog
Power Supply
Input
VDDPLLREF33
P
+3.3V master bias / PLL regulator supply input.
+1.2V Core
Power Supply
Output
VDDCR12
P
+1.2V digital core power supply output.
Note:
This signal requires connection of a 1uF low-
ESR capacitor to ground.
Ground
VSS
P
Ground pins.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com