Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 112Page - STMicroelectronics STM8S103F2 Datasheet HTML 113Page - STMicroelectronics STM8S103F2 Datasheet HTML 114Page - STMicroelectronics STM8S103F2 Datasheet HTML 115Page - STMicroelectronics STM8S103F2 Datasheet HTML 116Page - STMicroelectronics STM8S103F2 Datasheet HTML 117Page - STMicroelectronics STM8S103F2 Datasheet HTML 118Page - STMicroelectronics STM8S103F2 Datasheet HTML 119Page - STMicroelectronics STM8S103F2 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 121 page
background image
Revision history
STM8S103F2 STM8S103F3 STM8S103K3
116/121
DocID15441 Rev 14
15
Revision history
Table 59. Document revision history
Date
Revision
Changes
02-Mar-2009
1
Initial release.
10-Apr-2009
2
Added Table 2: Peripheral clock gating bit assignments in
CLK_PCKENR1/2 registers.
Updated Section 4.8: Auto wakeup counter.
Modified the description of PB4 and PB5 (removed X in PP column)
and added footnote concerning HS I/Os in Section 5.1: STM8S103K3
UFQFPN32/LQFP32/SDIP32 pinout and pin description and
Section 5.2: STM8S103F2/F3 TSSOP20/SO20/UFQFPN20 pinout
and pin description.
Removed TIM3 and UART from Table 10: Interrupt mapping.
Updated VCAP specifications in Section 10.3.1: VCAP external
capacitor
Corrected the block size in Table 37: Flash program memory/data
EEPROM memoryt
Updated Section 10: Electrical characteristics.
Updated Section 12: Thermal characteristics.
10-Jun-1999
3
Document status changed from “preliminary data” to “datasheet”.
Replaced WFQFPN20 package with UFQFPN package.
Replaced ‘VFQFN’ with ‘VFQFPN’.
Added bullet point on the unique identifier to Features.
Updated Section 4.8: Auto wakeup counter.
Updated wpu and PP status of PB5/12C_SDA and PB4/12C_SCL
pins in Section 5.1: STM8S103K3 UFQFPN32/LQFP32/SDIP32
pinout and pin description and Section 5.2: STM8S103F2/F3
TSSOP20/SO20/UFQFPN20 pinout and pin description.
Removed Table 7: Pin-to-pin comparison of pin 7 to 12 in 32-pin
access line devices.
Updated Section 6.1: Memory map.
Updated reset status of port D CR1 register in Table 7: I/O port
hardware register map.
Updated alternate function remapping descriptions in Table 13:
STM8S103K3 alternate function remapping bits for 32-pin devices
and Table 14: STM8S103Fx alternate function remapping bits for 20-
pin devices.
Added Section 9: Unique ID.
Updated Section 10.3: Operating conditions.
Updated the caption of Figure 20: Typical HSI frequency variation vs
VDD @ 4 temperatures.
Updated Table 43: SPI characteristics and added TBD occurrences.
Added max values to Table 46: ADC accuracy with RAIN< 10 kΩ, VDD=
5 V and Table 47: ADC accuracy with RAIN< 10 kΩ, VDD= 3.3 V.
Updated Section 10.3.11: EMC characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com