Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 113Page - STMicroelectronics STM8S103F2 Datasheet HTML 114Page - STMicroelectronics STM8S103F2 Datasheet HTML 115Page - STMicroelectronics STM8S103F2 Datasheet HTML 116Page - STMicroelectronics STM8S103F2 Datasheet HTML 117Page - STMicroelectronics STM8S103F2 Datasheet HTML 118Page - STMicroelectronics STM8S103F2 Datasheet HTML 119Page - STMicroelectronics STM8S103F2 Datasheet HTML 120Page - STMicroelectronics STM8S103F2 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DocID15441 Rev 14
119/121
STM8S103F2 STM8S103F3 STM8S103K3
Revision history
120
04-Apr-2012
8
Updated notes related to VCAP in Table 19: General operating
conditions.
Added values of tR/tF for 50 pF load capacitance, and updated note in
Table 38: I/O static characteristics.
Updated typical and maximum values of RPU in Table 38: I/O static
characteristics and Table 42: NRST pin characteristics.
Changed SCK input to SCK output in Section 10.3.8: SPI serial
peripheral interface
Modified Figure 51: UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch,
ultra thin fine pitch quad flat package outline to add package top view.
26-Jun-2012
9
Added Section 11.4: SDIP32 package information.
04-Feb-2015
10
Updated Section 11.5: TSSOP20 package information and
Section 11.3: UFQFPN20 package information.
10-Mar-2015
11
Updated:
– Table 34: HSI oscillator characteristics: corrected HSI oscillator
accuracy (factory calibrated) for VDD = 5 V and TA = 25 °C.
– Table 38: I/O static characteristics: corrected the max. value for
TR/TF, Fast I/Os, Load = 50 pF.
Added:
– Figure 23: Typical pull-up current vs VDD @ 4 temperatures,
– the rows for TR/TF, Fast I/Os, Load = 20 pF in Table 38: I/O static
characteristics,
– Figure 47: LQFP32 marking example (package top view),
– Figure 50: UFQFPN32 marking example (package top view),
– Figure 53: UFQFPN20 marking example (package top view),
– Figure 55: SDIP32 marking example (package top view),
– Figure 58: TSSOP20 marking example (package top view),
– Figure 60: SO20 marking example (package top view).
26-Mar-2015
12
Corrected the values for “b” dimensions in Table 53: UFQFPN32 - 32-
pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat package
mechanical data.
Table 59. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com