Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 113Page - STMicroelectronics STM8S103F2 Datasheet HTML 114Page - STMicroelectronics STM8S103F2 Datasheet HTML 115Page - STMicroelectronics STM8S103F2 Datasheet HTML 116Page - STMicroelectronics STM8S103F2 Datasheet HTML 117Page - STMicroelectronics STM8S103F2 Datasheet HTML 118Page - STMicroelectronics STM8S103F2 Datasheet HTML 119Page - STMicroelectronics STM8S103F2 Datasheet HTML 120Page - STMicroelectronics STM8S103F2 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
Revision history
STM8S103F2 STM8S103F3 STM8S103K3
118/121
DocID15441 Rev 14
09-Sep-2010
6
Removed VFQFPN32 package.
Removed internal reference voltage from Section 4.13: Analog-to-
digital converter (ADC1).
Updated the reset state information in Table 4: Legend/abbreviations
for pin description tables in Section 5: Pinout and pin description.
Added footnote to PD1/SWIM pin in Table 5: STM8S103K3 pin
descriptions.
Updated pins 14 and 19 (TSSOP20/SO20) / pins 11 and 16
(UFQFPN20) in Table 6: STM8S103F2 and STM8S103F3 pin
descriptions.
Standardized all reset state values; updated the reset state values of
the RST_SR, CLK_SWCR, CLK_HSITRIMR, CLK_SWIMCCR,
IWDG_KR, and ADC_DRx registers in Table 8: General hardware
register map.
Updated AFR2 description of OPT 2 in Table 14: STM8S103Fx
alternate function remapping bits for 20-pin devicess.
Replaced 0.01 µF with 0.1 µf in Figure 38: Recommended reset pin
protection.
Added Figure 42: Typical application with I2C bus and timing diagram
and Table 44: I2C characteristics.
Updated footnote 1 in Table 46: ADC accuracy with RAIN< 10 kΩ,
VDD= 5 V and Table 47: ADC accuracy with RAIN< 10 kΩ, VDD= 3.3 V.
Updated the Special marking section in Section 13.1: STM8S103
FASTROM microcontroller option list:
Updated AFR2 description of OTP2 in Table 14: STM8S103Fx
alternate function remapping bits for 20-pin devices
Updated existing footnote and added three additional footnotes to
Table 53: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine
pitch quad flat package mechanical data
12-Jul-2011
7
Updated the note related to true open-drain outputs in Table 6:
STM8S103F2 and STM8S103F3 pin descriptions
Removed CLK_CANCCR register from Table 8: General hardware
register map.
Added note for Px_IDR registers in Table 7: I/O port hardware register
map.
Added recommendation concerning NRST pin level, and power
consumption sensitive applications, above Figure 38: Recommended
reset pin protection.
Removed typical HSI accuracy curve in Section 10.3.4: Internal clock
sources and timing characteristics.
Renamed package type 2 into package pitch and added pitch code
“C” in Figure 63: STM8S103F2/x3 access line ordering information
scheme(1) and added UFQFPN20 in Section 13.1: STM8S103
FASTROM microcontroller option list.
Updated the disclaimer.
Table 59. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com