Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 113Page - STMicroelectronics STM8S103F2 Datasheet HTML 114Page - STMicroelectronics STM8S103F2 Datasheet HTML 115Page - STMicroelectronics STM8S103F2 Datasheet HTML 116Page - STMicroelectronics STM8S103F2 Datasheet HTML 117Page - STMicroelectronics STM8S103F2 Datasheet HTML 118Page - STMicroelectronics STM8S103F2 Datasheet HTML 119Page - STMicroelectronics STM8S103F2 Datasheet HTML 120Page - STMicroelectronics STM8S103F2 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 121 page
background image
Revision history
STM8S103F2 STM8S103F3 STM8S103K3
120/121
DocID15441 Rev 14
03-Oct-2016
13
Updated:
– Name of “LQFP32 package” to “LQFP32 - 32-pin, 7 x 7 mm low-
profile quad flat package” on Table 52: LQFP32 - 32-pin, 7 x 7 mm
low-profile quad flat package mechanical data, Figure 45: LQFP32 -
32-pin, 7 x 7 mm low-profile quad flat package outline and
Figure 46: LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package
recommended footprint
– Section 10.2: Absolute maximum ratings
– Section 10.3.10: 10-bit ADC characteristics
– Figure 40: SPI timing diagram where slave mode and CPHA = 1
– Figure 41: SPI timing diagram - master mode
– Figure 43: ADC accuracy characteristics
– Figure 63: STM8S103F2/x3 access line ordering information
scheme(1): corrected package name from VFQFPN to UFQFPN
– Table 8: General hardware register map
– Table 16: Voltage characteristics
– Table 17: Current characteristics
– Table 19: General operating conditions
– Table 20: Operating conditions at power-up/power-down
– Table 21: Total current consumption with code execution in run
mode at VDD = 5 V
– Table 31: Peripheral current consumption
– Table 49: EMI data
– Updated footnotes on Table 18: Thermal characteristics, Table 38:
I/O static characteristics, Table 43: SPI characteristics, Figure 45:
LQFP32 - 32-pin, 7 x 7 mm low-profile quad flat package outline,
Figure 48: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine
pitch quad flat package outline.
– Updated all the “Device marking” sections on Section 11: Package
information
13-Feb-2017
14
Updated:
– Section 10.2: Absolute maximum ratings
– Section 11.3: UFQFPN20 package information
– Table 5: STM8S103K3 pin descriptions
– Table 6: STM8S103F2 and STM8S103F3 pin descriptions
– Table 21: Total current consumption with code execution in run
mode at VDD = 5 V
– Footnotes in all tables of Section 10: Electrical characteristics
Added:
– Figure 52: UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin
fine pitch quad flat package recommended footprint
Table 59. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com