Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 41Page - STMicroelectronics SPC572L64F2 Datasheet HTML 42Page - STMicroelectronics SPC572L64F2 Datasheet HTML 43Page - STMicroelectronics SPC572L64F2 Datasheet HTML 44Page - STMicroelectronics SPC572L64F2 Datasheet HTML 45Page - STMicroelectronics SPC572L64F2 Datasheet HTML 46Page - STMicroelectronics SPC572L64F2 Datasheet HTML 47Page - STMicroelectronics SPC572L64F2 Datasheet HTML 48Page - STMicroelectronics SPC572L64F2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
DocID027866 Rev 5
45/112
SPC572Lx
Electrical characteristics
111
Figure 13. Input equivalent circuit (SARB channels)
RSW1
CP3
CS
VDD
Sampling
RSW: Channel Selection Switch Impedance (two contributions
RSW1 and RSW2)
RAD: Sampling Switch Impedance
CP: Pin Capacitance (three contributions, CP1, CP2 and CP3)
CS: Sampling Capacitance
RCMSW: Common mode switch
RCML: Common mode resistive ladder
The above figure can be used as approximation circuitry for
external filtering definition.
It is applicable for all SARB channels except AN 16, AN17 and
AN24 (Fast channels).
CP1
RAD
Channel
Selection
CP2
Extended
RSW2
Switch
Common mode
switch
Common mode
resistive ladder
INTERNAL CIRCUIT SCHEME
Table 24. ADC pin specification(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
ILK_INUD
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
weak pull-down
TJ <40 °C, no current
injection on adjacent
pin
—70
nA
CTJ < 150 °C, no current
injection on adjacent
pin
—220
ILK_INUSD
CC
C
Input leakage current, two ADC
channels input with weak pull-up and
strong pull-down
TJ <40 °C, no current
injection on adjacent
pin
—80
nA
CTJ < 150 °C, no current
injection on adjacent
pin
—250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com