Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 27Page - STMicroelectronics SPC572L64F2 Datasheet HTML 28Page - STMicroelectronics SPC572L64F2 Datasheet HTML 29Page - STMicroelectronics SPC572L64F2 Datasheet HTML 30Page - STMicroelectronics SPC572L64F2 Datasheet HTML 31Page - STMicroelectronics SPC572L64F2 Datasheet HTML 32Page - STMicroelectronics SPC572L64F2 Datasheet HTML 33Page - STMicroelectronics SPC572L64F2 Datasheet HTML 34Page - STMicroelectronics SPC572L64F2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 112 page
background image
DocID027866 Rev 5
31/112
SPC572Lx
Electrical characteristics
111
Table 16 shows the STRONG configuration output buffer electrical characteristics.
4. Transition time maximum value is approximated by the following formula:
0 pF < CL < 50 pFtTR_M(ns) = 5.6 ns + CL(pF)
× 1.11 ns/pF
50 pF < CL < 200 pFtTR_M(ns) = 13 ns + CL(pF)
× 0.96 ns/pF
5. Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_ETH segment when VSIO[VSIO_IF] = 0
Table 16. STRONG configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
ROH_S
CC
P
PMOS output impedance
STRONG configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOH < 8 mA
30
50
65
Ω
ROL_S
CC
P
NMOS output impedance
STRONG configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOL < 8 mA
30
50
65
Ω
fMAX_S
CC
T
Output frequency
STRONG configuration
CL = 25 pF(3)
——
40
MHz
CL = 50 pF(3)
——
20
CL = 200 pF(3)
——
5
tTR_S
CC
T
Transition time output pin
STRONG configuration(4)
CL = 25 pF
4.5 V < VDD_HV_IO < 5.5 V
2.5
—
10
ns
CL = 50 pF
4.5 V < VDD_HV_IO < 5.5 V
3.5
—
16
CL = 200 pF
4.5 V < VDD_HV_IO < 5.5 V
13
—
50
CL = 25 pF,
3.0 V < VDD_HV_IO <
3.6 V(5)
4—
15
CL = 50 pF,
3.0 V < VDD_HV_IO <
3.6 V(5)
6—
27
CL = 200 pF,
3.0 V < VDD_HV_IO <
3.6 V(5)
20
—
83
IDCMAX_S CC
D
Maximum DC current
—
—
—
10
mA
|tSKEW_S| CC
T
Difference between rise and
fall time
——
—
25
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com