Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 18Page - STMicroelectronics SPC572L64F2 Datasheet HTML 19Page - STMicroelectronics SPC572L64F2 Datasheet HTML 20Page - STMicroelectronics SPC572L64F2 Datasheet HTML 21Page - STMicroelectronics SPC572L64F2 Datasheet HTML 22Page - STMicroelectronics SPC572L64F2 Datasheet HTML 23Page - STMicroelectronics SPC572L64F2 Datasheet HTML 24Page - STMicroelectronics SPC572L64F2 Datasheet HTML 25Page - STMicroelectronics SPC572L64F2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 112 page
background image
Electrical characteristics
SPC572Lx
22/112
DocID027866 Rev 5
3.7
DC electrical specifications
The following table describes the DC electrical specifications.
VIN
SR C I/O input voltage
range
—0
—
5.5
V
Injection current
IIC
SR
T DC injection current
(per pin)(13),(14),(15)
Digital pins and
analog pins
–3.0
—
3.0
mA
IMAXSEG
SR D Maximum current per
power segment(16)
—–80
—
80
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. Maximum operating frequency is applicable to the core and platform for the device. See the Clocking chapter in the
SPC572Lx Microcontroller Reference Manual for more information on the clock limitations for the various IP blocks on the
device.
3. Core voltage as measured on device pin to guarantee published silicon performance.
4. During power ramp, voltage measured on silicon might be lower. Maximum performance is not guaranteed, but correct
silicon operation is guaranteed. Refer to the Power Management and Reset Generation Module chapters in the SPC572Lx
Microcontroller Reference Manual for further information.
5. The VDD_HV_PMC supply providing power to the internal regulator is shorted with the VDD_HV_IO supply within package.
6. LVD400 can be disabled by SW (always enabled after power-up).
7. Maximum voltage is not permitted for entire product life. See Absolute maximum rating.
8. When internal LVD/HVDs are disabled, external monitoring is required to guarantee correct device operation.
9. Reduced output/input capabilities below 4.2 V. See performance operating values in I/O pad electrical characteristics. Not
all functionality are guaranteed below 4.2 V. Please check specific supply constraints by module in Table 9 (Device
operating conditions).
10. VDD_HV_IO_JTAG supply is shorted with VDD_HV_OSC supply within package.
11. Flash read, program, and erase operations are supported for a minimum VDD_HV_FLA value of 3.0 V.
12. This voltage can be measured on the pin but is not supplied by an external regulator. The Power Management Controller
generates PORs based on this voltage.
13. Full device lifetime without performance degradation
14. I/O and analog input specifications are only valid if the injection current on adjacent pins is within these limits. See the
Absolute maximum ratings table for maximum input current for reliability requirements.
15. The I/O pins on the device are clamped to the I/O supply rails for ESD protection. When the voltage of the input pin is
above the supply rail, current is injected through the clamp diode to the supply rail. For external RC network calculation,
assume typical 0.3 V drop across the active diode. The diode voltage drop varies with temperature.
16. Sum of all controller pins (including both digital and analog) must not exceed 150 mA. A VDD_HV_IO power segment is
defined as one or more GPIO pins located between two VDD_HV_IO supply pins.
Table 9. Device operating conditions(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com