Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 72Page - STMicroelectronics SPC572L64F2 Datasheet HTML 73Page - STMicroelectronics SPC572L64F2 Datasheet HTML 74Page - STMicroelectronics SPC572L64F2 Datasheet HTML 75Page - STMicroelectronics SPC572L64F2 Datasheet HTML 76Page - STMicroelectronics SPC572L64F2 Datasheet HTML 77Page - STMicroelectronics SPC572L64F2 Datasheet HTML 78Page - STMicroelectronics SPC572L64F2 Datasheet HTML 79Page - STMicroelectronics SPC572L64F2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
Electrical characteristics
SPC572Lx
76/112
DocID027866 Rev 5
3.17.2.1
DSPI master mode full duplex timing with CMOS and LVDS pads
3.17.2.1.1 DSPI CMOS Master Mode – Classic Timing
2. Maximum usable frequency does not take into account external device propagation delay.
Table 41. DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0, CPHA = 0 or
1(1)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max
1tSCK
CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC
CC D PCS to SCK delay SCK and PCS drive strength
Very strong
25 pF
(N(4) × tSYS(5))–
16
—ns
Strong
50 pF
(N(4) × tSYS(5))–
16
—
Medium
50 pF
(N(4) × tSYS(5))–
26
—
PCS medium
and SCK strong
PCS = 50 pF
SCK = 50 pF
(N(4) × tSYS(5))–
38
—
3tASC
CC D After SCK delay
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
PCS medium
and SCK strong
PCS = 0 pF
SCK = 50 pF
(M(6) × tSYS(5))–
35
—
4tSDC
CC D SCK duty cycle(7)
SCK drive strength
Very strong
0pF
1/2tSCK –2
1/2tSCK +2 ns
Strong
0pF
1/2tSCK –2
1/2tSCK +2
Medium
0pF
1/2tSCK –5
1/2tSCK +5
PCS strobe timing
5tPCSC
CC D PCSx to PCSS
time(8)
PCS and PCSS drive strength
Strong
25 pF
12.0
—ns
6tPASC
CC D PCSS to PCSx
time(8)
PCS and PCSS drive strength
Strong
25 pF
12.0
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com