Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 19Page - STMicroelectronics SPC572L64F2 Datasheet HTML 20Page - STMicroelectronics SPC572L64F2 Datasheet HTML 21Page - STMicroelectronics SPC572L64F2 Datasheet HTML 22Page - STMicroelectronics SPC572L64F2 Datasheet HTML 23Page - STMicroelectronics SPC572L64F2 Datasheet HTML 24Page - STMicroelectronics SPC572L64F2 Datasheet HTML 25Page - STMicroelectronics SPC572L64F2 Datasheet HTML 26Page - STMicroelectronics SPC572L64F2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
DocID027866 Rev 5
23/112
SPC572Lx
Electrical characteristics
111
3.8
I/O pad specification
The following table describes the different pad type configurations.
Table 10. DC electrical specifications(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
IDD
CC P Operating current all
supply rails
fMAX(2)
—
—
145
mA
IDDPE
CC C Operating current all
supplies including
program/erase
fMAX(3)
—
—
165
mA
IDDAPP
CC P Operating current all
supplies with typical
application
At TJ<150°C
—
—
125
mA
IDDAR
CC P VDD_HV_IO After Run
operating current
At 40 °C
Total device consumption
on VDD_HV_IO, including
consumption for VDD_LV
generation.
No I/O activity
——
22
mA
CC T
After-run mode HV
current, TA =55 °C,
VDD_HV_IO = 5.5 V
——
24
ISPIKE
CC T Maximum short term
current spike
< 20 µs observation
window
——
60
mA
dI
CC T Current difference ratio to
average current (dI/avg(I))
< 20 µs observation
window
——
20
%
ISR
CC D Current variation during
boot/shut-down
——
—
50
mA
VREF_BG_T
CC P Bandgap trimmed
reference voltage
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
1.200
—
1.237
V
VREF_BG_TC
CC C Bandgap temperature
coefficient(4)
TJ = –40 °C to 150 °C
VDD_HV_ADV = 5 V + 10%
-50
—
50
ppm
/°C
VREF_BG_LR
CC C Bandgap line regulation
TJ = –40 °C
VDD_HV_ADV = 5 V + 10%
—
—
8000
ppm
/V
CTJ = 150 °C
VDD_HV_ADV = 5 V + 10%
—
—
4000
1. The ranges in this table are design targets and actual data may vary in the given range.
2. fMAX as specified per IP, unloaded I/O with LVDS pins active and terminated. Measured on an application specific pattern.
3. fMAX as specified per IP, unloaded I/O with LVDS pins active and terminated. Measured on an application specific pattern
with active flash program and erase.
4. The temperature coefficient and line regulation specifications are used to calculate the reference voltage drift at an
operating point within the specified voltage and temperature operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com