Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 80Page - STMicroelectronics SPC572L64F2 Datasheet HTML 81Page - STMicroelectronics SPC572L64F2 Datasheet HTML 82Page - STMicroelectronics SPC572L64F2 Datasheet HTML 83Page - STMicroelectronics SPC572L64F2 Datasheet HTML 84Page - STMicroelectronics SPC572L64F2 Datasheet HTML 85Page - STMicroelectronics SPC572L64F2 Datasheet HTML 86Page - STMicroelectronics SPC572L64F2 Datasheet HTML 87Page - STMicroelectronics SPC572L64F2 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
Electrical characteristics
SPC572Lx
84/112
DocID027866 Rev 5
Table 44. DSPI CMOS master timing – output only – timed serial bus mode TSB = 1 or ITSB = 1,
CPOL = 0 or 1, continuous SCK clock(1)(2)
#
Symbol
C
Characteristic
Condition
Value(3)
Unit
Pad drive(4)
Load (CL)Min
Max
1tSCK
CC
D
SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
ns
Medium
50 pF
200.0
—
ns
2tCSV
CC
D
PCS valid after SCK(5)
SCK and PCS drive strength
Very strong
25 pF
16
—ns
Strong
50 pF
16
—ns
Medium
50 pF
26
—ns
PCS medium
and SCK
strong
PCS = 50 pF
SCK = 50 pF
38
—ns
3tCSH
CC
D
PCS hold after SCK(5)
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
–14
—ns
Strong
PCS = 0 pF
SCK = 50 pF
–14
—ns
Medium
PCS = 0 pF
SCK = 50 pF
–33
—ns
PCS medium
and SCK
strong
PCS = 0 pF
SCK = 50 pF
–35
—ns
4tSDC
CC
D
SCK duty cycle(6)
SCK drive strength
Very strong
0pF
1/2tSCK –2 1/2tSCK +2 ns
Strong
0pF
1/2tSCK –2 1/2tSCK +2 ns
Medium
0pF
1/2tSCK –5 1/2tSCK +5 ns
SOUT data valid time (after SCK edge)
9tSUO
CC
D
SOUT data valid time
from SCK
CPHA = 1(7)
SOUT and SCK drive strength
Very strong
25 pF
—
7.0
ns
Strong
50 pF
—
9.0
ns
Medium
50 pF
—
25.0
ns
SOUT data hold time (after SCK edge)
10
tHO
CC
D
SOUT data hold time
after SCK
CPHA = 1(7)
SOUT and SCK drive strength
Very strong
25 pF
–7.7
—
ns
Strong
50 pF
–11.0
—
ns
Medium
50 pF
–15.0
—
ns
1. TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.
2. All output timing is worst case and includes the mismatching of rise and fall times of the output pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com