Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 81Page - STMicroelectronics SPC572L64F2 Datasheet HTML 82Page - STMicroelectronics SPC572L64F2 Datasheet HTML 83Page - STMicroelectronics SPC572L64F2 Datasheet HTML 84Page - STMicroelectronics SPC572L64F2 Datasheet HTML 85Page - STMicroelectronics SPC572L64F2 Datasheet HTML 86Page - STMicroelectronics SPC572L64F2 Datasheet HTML 87Page - STMicroelectronics SPC572L64F2 Datasheet HTML 88Page - STMicroelectronics SPC572L64F2 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
DocID027866 Rev 5
85/112
SPC572Lx
Electrical characteristics
111
Figure 32. DSPI LVDS and CMOS master timing – output only – modified transfer
format MTFE = 1, CHPA = 1
3.17.2.2
Slave Mode timing
3. All timing values for output signals in this table are measured to 50% of the output voltage.
4. Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may reduce operating speeds and may
cause incorrect operation.
5. With TSB mode or Continuous SCK clock mode selected, PCS and SCK are driven by the same edge of DSPI_CLKn. This
timing value is due to pad delays and signal propagation delays.
6. tSDC is only valid for even divide ratios. For odd divide ratios the fundamental duty cycle is not 50:50. For these odd divide
ratios cases, the absolute spec number is applied as jitter/uncertainty to the nominal high time and low time.
7. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.
PCSx
SCK Output
SOUT
First Data
Data
Last Data
(CPOL = 0)
tSUO
tHO
tCSV
tSDC
tSCK
tCSH
Table 45. DSPI CMOS Slave timing - Modified Transfer Format (MTFE = 0/1)(1)
#
Symbol
C
Characteristic
Condition
Min
Max
Unit
Pad Drive
Load
1tSCK
CC
D
SCK Cycle Time(2)
—
—
62
—ns
2tCSC
SR
D
SS to SCK Delay(2)
—
—
16
—ns
3tASC
SR
D
SCK to SS Delay(2)
—
—
16
—ns
4tSDC
CC
D
SCK Duty Cycle(2)
—
—30
—
ns
5tA
CC
D
Slave Access Time(2),(3),(4)
(SS active to SOUT driven)
Very Strong
25 pF
—
50
ns
Strong
50 pF
—
50
ns
Medium
50 pF
—
60
ns
6tDIS
CC
D
Slave SOUT Disable
Time(2),(3),(4)
(SS inactive to SOUT High-Z
or invalid)
Very Strong
25 pF
5
22
ns
Strong
50 pF
5
28
ns
Medium
50 pF
5
54
ns
9tSUI
CC
D
Data Setup Time for Inputs(2)
—
—
10
—
ns
10
tHI
CC
D
Data Hold Time for Inputs(2)
—
—
10
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com