Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 39Page - STMicroelectronics SPC572L64F2 Datasheet HTML 40Page - STMicroelectronics SPC572L64F2 Datasheet HTML 41Page - STMicroelectronics SPC572L64F2 Datasheet HTML 42Page - STMicroelectronics SPC572L64F2 Datasheet HTML 43Page - STMicroelectronics SPC572L64F2 Datasheet HTML 44Page - STMicroelectronics SPC572L64F2 Datasheet HTML 45Page - STMicroelectronics SPC572L64F2 Datasheet HTML 46Page - STMicroelectronics SPC572L64F2 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
DocID027866 Rev 5
43/112
SPC572Lx
Electrical characteristics
111
Figure 11. Test circuit
3.12
ADC specifications
3.12.1
ADC input description
Figure 12 shows the input equivalent circuit for fast SARn channels.
V
+
-
A
IXTAL
Bias
Comparator
OF
VSSOSC
XTAL
EXTAL
VSS
PCB GND
Tester
AL
Z = R + j
ωL
VDDOSC
VEXTAL = 0 V
VXTAL = 0 V
ALC INACTIVE
Conditions
Table 23. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fTarget
CC D IRC target frequency
—
—
16
—
MHz
δfvar_noT CC P IRC frequency variation without temperature
compensation
—–8
—
+8
%
δfvar_T
CC T IRC frequency variation with temperature
compensation
TJ < 150 °C
–1.5
—
+1.5
%
δfvar_SW — T IRC frequency accuracy after software
trimming accuracy(1)
Trimming temperature
–1
—
+1
%
tstart_noT CC T Startup time to reach within fvar_noT
Factory trimming
already applied
——
5
µs
tstart_T
CC D Startup time to reach within fvar_T
Factory trimming
already applied
—
—
120
µs
1. The typical user trim step size of
δfTRIM =0.35 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com