Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 36Page - STMicroelectronics SPC572L64F2 Datasheet HTML 37Page - STMicroelectronics SPC572L64F2 Datasheet HTML 38Page - STMicroelectronics SPC572L64F2 Datasheet HTML 39Page - STMicroelectronics SPC572L64F2 Datasheet HTML 40Page - STMicroelectronics SPC572L64F2 Datasheet HTML 41Page - STMicroelectronics SPC572L64F2 Datasheet HTML 42Page - STMicroelectronics SPC572L64F2 Datasheet HTML 43Page - STMicroelectronics SPC572L64F2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Electrical characteristics
SPC572Lx
40/112
DocID027866 Rev 5
Figure 10. PLL integration
PLL0
IRCOSC
XOSC
PLL0_PHI1
PLL0_PHI0
Table 20. PLL0 electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fPLL0IN
SR
PLL0 input clock(1),(2)
—8
44
MHz
ΔPLL0IN
SR
PLL0 input clock duty
cycle(1)
—40
60
%
fPLL0VCO
CC
P
PLL0 VCO frequency
600
1250
MHz
fPLL0PHI0
CC
P
PLL0 output frequency
4.762
80
MHz
fPLL0PHI1
CC
P
PLL0 output frequency
4.762
100
MHz
tPLL0LOCK
CC
P
PLL0 lock time
110
µs
PLL0PHI0SPJ|
CC
T
PLL0_PHI0 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI0 = 400 MHz,
6-sigma pk-pk
——
200
ps
PLL0PHI1SPJ|
CC
T
PLL0_PHI1 single period
jitter
fPLL0IN = 20 MHz
(resonator)
fPLL0PHI1 = 40 MHz, 6-
sigma pk-pk
——
300(3)
ps
ΔPLL0LTJ
CC
T
PLL0 output long term
jitter(3)
fPLL0IN = 20 MHz
(resonator), VCO
frequency = 800 MHz
10 periods
accumulated jitter
(80 MHz equivalent
frequency), 6-sigma
pk-pk
——
± 250
ps
16 periods
accumulated jitter
(50 MHz equivalent
frequency), 6-sigma
pk-pk
——
± 300
ps
long term jitter
(< 1 MHz equivalent
frequency), 6-sigma
pk-pk
——
± 500
ps
IPLL0
CC
C
PLL0 consumption
FINE LOCK state
5
mA
fPLL0FREE
CC
D
VCO free running
frequency
—35
400
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com