Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 25Page - STMicroelectronics SPC572L64F2 Datasheet HTML 26Page - STMicroelectronics SPC572L64F2 Datasheet HTML 27Page - STMicroelectronics SPC572L64F2 Datasheet HTML 28Page - STMicroelectronics SPC572L64F2 Datasheet HTML 29Page - STMicroelectronics SPC572L64F2 Datasheet HTML 30Page - STMicroelectronics SPC572L64F2 Datasheet HTML 31Page - STMicroelectronics SPC572L64F2 Datasheet HTML 32Page - STMicroelectronics SPC572L64F2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
DocID027866 Rev 5
29/112
SPC572Lx
Electrical characteristics
111
Table 15 shows the MEDIUM configuration output buffer electrical characteristics.
Table 14. WEAK configuration output buffer electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value(2)
Unit
Min
Typ
Max
ROH_W
CC
P
PMOS output impedance
weak configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOH < 0.5 mA
520
800
1040
Ω
ROL_W
CC
P
NMOS output impedance
weak configuration
4.5 V < VDD_HV_IO < 5.5 V
Push pull, IOL < 0.5 mA
520
800
1040
Ω
fMAX_W
CC
T
Output frequency
weak configuration
CL = 25 pF(3)
——
2
MHz
CL = 50 pF(3)
——
1
DCL = 200 pF(3)
——
0.25
tTR_W
CC
T
Transition time output pin
weak configuration(4)
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.5 V
40
—
120
ns
CL = 50 pF,
4.5 V < VDD_HV_IO < 5.5 V
80
—
240
DCL = 200 pF,
4.5 V < VDD_HV_IO < 5.5 V
320
—
820
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V(5)
50
—
150
CL = 50 pF,
3.0 V < VDD_HV_IO < 3.6 V(5)
100
—
300
CL = 200 pF,
3.0 V < VDD_HV_IO < 3.6 V(5)
350
—
1050
|tSKEW_W| CC
T
Difference between rise
and fall time
——
—
25
%
IDCMAX_W CC
D
Maximum DC current
—
—
—
4
mA
TPHL/PLH CC
D
Propagation delay
CL = 25 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
120
ns
CL = 25 pF,
3.0 V < VDD_HV_IO < 3.6 V
——
150
CL = 50 pF,
4.5 V < VDD_HV_IO < 5.9 V
——
240
CL = 50 pF,
3.0 V < VDD_HV_IO < 3.6 V(5)
——
300
1. All VDD_HV_IO conditions for 4.5V to 5.5V are valid for VSIO[VSIO_xx] = 1, and all specifications for 3.0V to 3.6V are valid
for VSIO[VSIO_xx] = 0
2. All values need to be confirmed during device validation.
3. CL is the sum of external capacitance. Device and package capacitances (CIN, defined in Table 12) are to be added to
calculate total signal capacitance (CTOT = CL + CIN).
4. Transition time maximum value is approximated by the following formula:
0 pF < CL < 50 pFtTR_W(ns) = 22 ns + CL(pF)
× 4.4 ns/pF
50 pF < CL < 200 pFtTR_W(ns) = 50 ns + CL(pF)
× 3.85 ns/pF
5. Only for VDD_HV_IO_JTAG segment when VSIO[VSIO_IJ] = 0 or VDD_HV_IO_ETH segment when VSIO[VSIO_IF] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com