Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 21Page - STMicroelectronics SPC572L64F2 Datasheet HTML 22Page - STMicroelectronics SPC572L64F2 Datasheet HTML 23Page - STMicroelectronics SPC572L64F2 Datasheet HTML 24Page - STMicroelectronics SPC572L64F2 Datasheet HTML 25Page - STMicroelectronics SPC572L64F2 Datasheet HTML 26Page - STMicroelectronics SPC572L64F2 Datasheet HTML 27Page - STMicroelectronics SPC572L64F2 Datasheet HTML 28Page - STMicroelectronics SPC572L64F2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 112 page
background image
DocID027866 Rev 5
25/112
SPC572Lx
Electrical characteristics
111
Table 12. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TTL
VIHTTL
SR
P
Input high level TTL
4.5 V < VDD_HV_IO <5.5 V(6)
2— VDD_HV_IO +
0.3
V
VILTTL
SR
P
Input low level TTL
4.5 V < VDD_HV_IO <5.5 V(6)
–0.3
—
0.8
VHYSTTL
—
C Input hysteresis TTL
4.5 V < VDD_HV_IO <5.5 V(6)
0.275
—
—
VDRFTTTL
—
T
Input VIL/VIH
temperature drift TTL
——
—
100
mV
AUTOMOTIVE
VIHAUT(1)
SR
P
Input high level
AUTOMOTIVE
4.5 V < VDD_HV_IO < 5.5 V
3.8
— VDD_HV_IO +
0.3
V
VILAUT(2)
SR
P
Input low level
AUTOMOTIVE
4.5 V < VDD_HV_IO < 5.5 V
–0.3
—
2.1(3)
V
VHYSAUT(4) —
C Input hysteresis
AUTOMOTIVE
4.5 V < VDD_HV_IO < 5.5 V
0.4(3)
——
V
VDRFTAUT
—
T
Input VIL/VIH
temperature drift
4.5 V < VDD_HV_IO <5.5 V
—
—
100(5)
mV
CMOS
VIHCMOS_H
(6)
SR
P
Input high level CMOS
(with hysteresis)
3.0 V < VDD_HV_IO <3.6 V
0.65 *
VDD_H
V_IO
—VDD_HV_IO
+0.3
V
4.5 V < VDD_HV_IO <5.5 V
VIHCMOS(7) SR
P
Input high level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
0.6 *
VDD_H
V_IO
—VDD_HV_IO+0
.3
V
4.5 V < VDD_HV_IO <5.5 V
VILCMOS_H(6
)
SR
P
Input low level CMOS
(with hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.35 *
VDD_HV_IO
V
4.5 V < VDD_HV_IO <5.5 V
VILCMOS(7) SR
P
Input low level CMOS
(without hysteresis)
3.0 V < VDD_HV_IO < 3.6 V
–0.3
—
0.4 *
VDD_HV_IO
V
4.5 V < VDD_HV_IO <5.5 V
VHYSCMOS —
C Input hysteresis CMOS
3.0 V < VDD_HV_IO < 3.6 V
0.1 *
VDD_H
V_IO
——
V
4.5 V < VDD_HV_IO <5.5 V(8)
VDRFTCMOS —
T
Input VIL/VIH
temperature drift CMOS
3.0 V < VDD_HV_IO < 3.6 V
—
—
100(5)
mV
4.5 V < VDD_HV_IO <5.5 V
INPUT CHARACTERISTICS(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com