Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 44Page - STMicroelectronics SPC572L64F2 Datasheet HTML 45Page - STMicroelectronics SPC572L64F2 Datasheet HTML 46Page - STMicroelectronics SPC572L64F2 Datasheet HTML 47Page - STMicroelectronics SPC572L64F2 Datasheet HTML 48Page - STMicroelectronics SPC572L64F2 Datasheet HTML 49Page - STMicroelectronics SPC572L64F2 Datasheet HTML 50Page - STMicroelectronics SPC572L64F2 Datasheet HTML 51Page - STMicroelectronics SPC572L64F2 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 112 page
background image
Electrical characteristics
SPC572Lx
48/112
DocID027866 Rev 5
IADCREFH(4),
(5)
CC
T ADC high reference
current(6)
Dynamic consumption
tconv ≥ 5µs
(average across all codes)
—3.5(7)
µA
Dynamic consumption
tconv > 2.5 µs
(average across all codes)
—7(8)
Static consumption (Power
Down mode)
—+8
T
Bias Current(9)
—+2
IADCREFL(5) CC D ADC low reference
current
Run mode tconv ≥ 5µs
VDD_HV_ADR <= 5.5 V
—15
µA
Run mode tconv =2.5 µs
VDD_HV_ADR <= 5.5 V
—30
Power Down mode
VDD_HV_ADR <= 5.5 V
—1
IADV_S
CC
P VDD_HV_ADV power
supply current
Run mode(5) tconv ≥ 5µs
—
4.0
mA
TUE12
CC T(10) Total unadjusted error in
12-bit configuration(11)
TJ <150 °C,
VDD_HV_ADV >4 V,
VDD_HV_ADR, VALTREF>4 V
–4
4
LSB
(12b)
PTJ <150 °C,
VDD_HV_ADV >4 V,
VDD_HV_ADR, VALTREF>4 V
–6
6
TTJ <150 °C,
VDD_HV_ADV >4 V,
4V> VALTREF>2 V
–6
6
TTJ < 150 °C,
4V>VDD_HV_ADV >3.5 V
–12
12
TUE10
CC
T Total unadjusted error in
10-bit configuration
TJ <150 °C,
VDD_HV_ADV >4 V
VDD_HV_ADR, VALTREF >4V
–1.5
1.5
LSB
(10b)
TTJ <150 °C,
VDD_HV_ADV >4 V,
4V> VDD_HV_ADR,
VALTREF>2V
–2.0
2.0
Table 25. SARn ADC electrical specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com