Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 47Page - STMicroelectronics SPC572L64F2 Datasheet HTML 48Page - STMicroelectronics SPC572L64F2 Datasheet HTML 49Page - STMicroelectronics SPC572L64F2 Datasheet HTML 50Page - STMicroelectronics SPC572L64F2 Datasheet HTML 51Page - STMicroelectronics SPC572L64F2 Datasheet HTML 52Page - STMicroelectronics SPC572L64F2 Datasheet HTML 53Page - STMicroelectronics SPC572L64F2 Datasheet HTML 54Page - STMicroelectronics SPC572L64F2 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 112 page
background image
DocID027866 Rev 5
51/112
SPC572Lx
Electrical characteristics
111
|δGAIN|
CC
C Absolute value of
the ADC gain
error(7),(8)
Before calibration (applies to
gain setting = 1)
——
1.5
%
D
After calibration,
ΔVDD_HV_ADR < 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 50 °C
——
5
mV
After calibration,
ΔVDD_HV_ADR < 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 100 °C
——
7.5
After calibration,
ΔVDD_HV_ADR < 5%
ΔVDD_HV_ADV < 10%
ΔTJ < 150 °C
——
10
VOFFSET
CC
P Input Referred
Offset Error(7),(8),(9)
Before calibration (applies to
all gain settings – 1, 2, 4, 8,
16)
—10*
(1+1/gain)
20
mV
D
After calibration,
ΔVDD_HV_ADR < 10%
ΔTJ < 50 °C
——
5
After calibration,
ΔVDD_HV_ADV < 10%
ΔTJ < 100 °C
7.5
After calibration,
ΔVDD_HV_ADV < 10%
ΔTJ < 150 °C
0.5
10
Table 26. SDn ADC electrical specification(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com