Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 35Page - STMicroelectronics SPC572L64F2 Datasheet HTML 36Page - STMicroelectronics SPC572L64F2 Datasheet HTML 37Page - STMicroelectronics SPC572L64F2 Datasheet HTML 38Page - STMicroelectronics SPC572L64F2 Datasheet HTML 39Page - STMicroelectronics SPC572L64F2 Datasheet HTML 40Page - STMicroelectronics SPC572L64F2 Datasheet HTML 41Page - STMicroelectronics SPC572L64F2 Datasheet HTML 42Page - STMicroelectronics SPC572L64F2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
DocID027866 Rev 5
39/112
SPC572Lx
Electrical characteristics
111
Note:
No restrictions exist on reset signal slew rate apart from absolute maximum rating
compliance.
3.11
Oscillator and PLL
Single phase-locked loop (PLL) module with the reference PLL (PLL0) generating the system
and auxiliary clocks from the main oscillator driver.
IOL_R
CC
C Strong pull-down current(1)
Device under power-on
reset
VDD_HV_IO = VDD_POR,
VOL = 0.35 * VDD_HV_IO
0.2
—
—
mA
——
—
—
—
Device under power-on
reset
3.0 V < VDD_HV_IO <5.5 V,
VOL >1.0 V
12
—
—
mA
|IWPU|
CC
P Weak pull-up current absolute
value
ESR0 pin
VIN = 0.69 * VDD_HV_IO
23
—
—
µA
ESR0 pin
VIN = 0.49 * VDD_HV_IO
——
82
|IWPD|
CC
P Weak pull-down current
absolute value
PORST pin
VIN = 0.69 * VDD_HV_IO
—
—
130
µA
PORST pin
VIN = 0.49 * VDD_HV_IO
40
—
—
WFRST
SR
P PORST and ESR0 input
filtered pulse
—
—
—
500
ns
WNFRST SR
P PORST and ESR0 input not
filtered pulse
—2000
—
—
ns
WFNMI
SR
P ESR1 input filtered pulse
—
—
—
15
ns
WNFNMI SR
P ESR1 input not filtered pulse
—
400
—
—
ns
1. IOL_R applies to both PORST and ESR0: Strong pull-down is active on PHASE0 for PORST. Strong pull-down is active on
PHASE0, PHASE1, PHASE2, and the beginning of PHASE3 for ESR0.
Table 19. Reset electrical characteristics (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
PORST must be connected to an external power-on supply circuitry. Minimum requested
circuitry is external pull-up to ensure device can exit reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com