Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 92Page - STMicroelectronics SPC572L64F2 Datasheet HTML 93Page - STMicroelectronics SPC572L64F2 Datasheet HTML 94Page - STMicroelectronics SPC572L64F2 Datasheet HTML 95Page - STMicroelectronics SPC572L64F2 Datasheet HTML 96Page - STMicroelectronics SPC572L64F2 Datasheet HTML 97Page - STMicroelectronics SPC572L64F2 Datasheet HTML 98Page - STMicroelectronics SPC572L64F2 Datasheet HTML 99Page - STMicroelectronics SPC572L64F2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 112 page
background image
Package characteristics
SPC572Lx
96/112
DocID027866 Rev 5
Table 52. eTQFP100 – STMicroelectronics package mechanical data
Symbol
Dimensions
Millimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
q
0°3.5°7°
0°
3.5°
7°
q1
0°
—
—
0°
—
—
q2
10°
12°
14°
10°
12°
14°
q3
10°
12°
14°
10°
12°
14°
A(2)
—
—
1.20
—
—
0.047
A1
0.05
—
0.15
0.002
—
0.006
A2(2)
0.95
1.00
1.05
0.037
0.039
0.041
b(3) (4)
0.17
0.22
0.27
0.007
0.009
0.011
b1(4)
0.175
0.20
0.23
0.007
0.008
0.009
c(4)
0.09
—
0.20
0.004
—
0.008
c1(4)
0.09
—
0.16
0.004
—
0.006
D(5)
16.00 BSC
0.629 BSC
D1(6) (7)
14.00 BSC
0.551 BSC
D2(8)
—
—
5.67
—
—
0.223
D3(9)
4.00
—
—
0.157
—
—
e
0.50 BSC
0.019 BSC
E(5)
16.00 BSC
0.629 BSC
E1(6) (7)
14.00 BSC
0.551 BSC
E2(8)
—
—
5.67
—
—
0.223
E3(9)
4.00
—
—
0.157
—
—
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
N(10)
100
3.937
R1
0.08
—
—
0.003
—
—
R2
0.08
—
—
0.003
—
—
S0.20
—
—
0.008
—
—
aaa(11)
0.15
0.006
bbb(11)
0.20
0.008
ccc(11)
0.05
0.002
ddd(11)
0.07
0.003
1. Values in inches are converted from millimeters (mm) and rounded to three decimal digits.
2. The optional exposed pad is generally coincident with the top or bottom side of the package and not allowed to protrude
beyond that surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com