Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 70Page - STMicroelectronics SPC572L64F2 Datasheet HTML 71Page - STMicroelectronics SPC572L64F2 Datasheet HTML 72Page - STMicroelectronics SPC572L64F2 Datasheet HTML 73Page - STMicroelectronics SPC572L64F2 Datasheet HTML 74Page - STMicroelectronics SPC572L64F2 Datasheet HTML 75Page - STMicroelectronics SPC572L64F2 Datasheet HTML 76Page - STMicroelectronics SPC572L64F2 Datasheet HTML 77Page - STMicroelectronics SPC572L64F2 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 112 page
background image
Electrical characteristics
SPC572Lx
74/112
DocID027866 Rev 5
Figure 24. Nexus event trigger and test clock timings
12
tNTDIH
CC
D
TDI/TDIC data hold time
5
—
ns
13(9)
tNTMSS
CC
D
TMS/TMSC data setup time
5
—
ns
14
tNTMSH
CC
D
TMS/TMSC data hold time
5
—
ns
15(10)
—
CC
D
TDO/TDOC propagation delay from falling edge of TCK(11)
—16
ns
16
—
CC
D
TDO/TDOC hold time with respect to TCK falling edge
(minimum TDO/TDOC propagation delay)
2.25
—
ns
1. Nexus timing specified at VDD_HV_IO_JTAG = 4.0 V to 5.5 V, and maximum loading per pad type as specified in the I/O
section of the datasheet.
2. tCYC is system clock period.
3. Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that is less
than the maximum functional capability of the design (system frequency / 4) depending on the actual peripheral frequency
being used. To ensure proper operation TCK frequency should be set to the peripheral frequency divided by a number
greater than or equal to that specified here.
4. This is a functionally allowable feature. However, it may be limited by the maximum frequency specified by the Absolute
minimum TCK period specification.
5. This value is TDO/TDOC propagation time 36 ns + 4 ns setup time to sampling edge.
6. This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability of the
design (system frequency / 4) depending on the actual system frequency being used.
7. This value is TDO/TDOC propagation time 16 ns + 4 ns setup time to sampling edge.
8. TDIC represents the TDI bit frame of the scan packet in compact JTAG 2-wire mode.
9. TMSC represents the TMS bit frame of the scan packet in compact JTAG 2-wire mode.
10. TDOC represents the TDO bit frame of the scan packet in compact JTAG 2-wire mode.
11. Timing includes TCK pad delay, clock tree delay, logic delay and TDO/TDOC output pad delay.
Table 39. Nexus debug port timing(1) (continued)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
TCK
9
EVTI
EVTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com