Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L64F2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPC572L64F2
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572L64F2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPC572L64F2 Datasheet HTML 22Page - STMicroelectronics SPC572L64F2 Datasheet HTML 23Page - STMicroelectronics SPC572L64F2 Datasheet HTML 24Page - STMicroelectronics SPC572L64F2 Datasheet HTML 25Page - STMicroelectronics SPC572L64F2 Datasheet HTML 26Page - STMicroelectronics SPC572L64F2 Datasheet HTML 27Page - STMicroelectronics SPC572L64F2 Datasheet HTML 28Page - STMicroelectronics SPC572L64F2 Datasheet HTML 29Page - STMicroelectronics SPC572L64F2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 112 page
background image
Electrical characteristics
SPC572Lx
26/112
DocID027866 Rev 5
Table 13 provides weak pull figures. Both pull-up and pull-down current specifications are
provided.
ILKG
CC
P
Digital input leakage
4.5 V < VDD_HV <5.5 V
0.1*VDD_HV < VIN < 0.9*VDD_HV
TJ < 150 °C
——
1
µA
C4.5 V < VDD_HV <5.5 V
VSS_HV < VIN < VDD_HV
——
2
ILKG_MED
CC
C Digital input leakage for
MEDIUM pad
4.5 V < VDD_HV <5.5 V
0.1*VDD_HV < VIN < 0.9*VDD_HV
——
500
nA
CIN
CC
D Digital input capacitance
GPIO input pins
—
—
10
pF
Ethernet input pins
—
—
8
1. A good approximation for the variation of the minimum value with supply is given by formula VIHAUT =0.69×VDD_HV_IO.
2. A good approximation for the variation of the maximum value with supply is given by formula VILAUT =0.49×VDD_HV_IO.
3. Sum of VILAUT and VHYSAUT is guaranteed to remain above 2.6 V in the 4.5 V < VDD_HV_IO < 5.5 V. Production test done
with 2.06 V limit at cold, TJ <25 oC.
4. A good approximation of the variation of the minimum value with supply is given by formula VHYSAUT =0.11×VDD_HV_IO.
5. In a 1 ms period, assuming stable voltage and a temperature variation of ±30 °C, VIL/VIH shift is within ±50 mV. For SENT
requirement refer to NOTE on page 34.
6. Only for VDD_HV_IO_JTAG and VDD_HV_IO_ETH power segment. The TTL threshold are controlled by the VSIO bit.
VSIO[VSIO_xx] = 0 in the range 3.0 V < VDD_HV_IO < 4.0 V, VSIO[VSIO_xx] = 1 in the range 4.5 V < VDD_HV_IO <5.5 V.
7. For LFAST, microsecond bus and LVDS input characteristics, refer to dedicated communication module chapters.
8. Only for VDD_HV_IO_JTAG and VDD_HV_IO_ETH power segment.
Table 12. I/O input DC electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Table 13. I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
|IWPU|
CC
T
Weak pull-up
current absolute
value(1)
VIN = 0 V
VDD_POR(2) < VDD_HV_IO
<3.0 V(3)(4)
10.6 * VDD_HV –
10.6
——
µA
CC
T
VIN >VIL =1.1 V(TTL)
4.5 V < VDD_HV_IO <5.5 V
——
130
CC
P
VIN = 0.69* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
23
—
65
CC
T
VIN = 0.49* VDD_HV_IO
4.5 V < VDD_HV_IO < 5.5 V
——
82
RWPU
CC
D
Weak pull-up
resistance
0.49* VDD_HVIO <VIN <0.69*
VDD_HV_IO
4.5 V < VDD_HV_IO <5.5 V
34
—
62
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com