Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 43Page - STMicroelectronics ST25TV512 Datasheet HTML 44Page - STMicroelectronics ST25TV512 Datasheet HTML 45Page - STMicroelectronics ST25TV512 Datasheet HTML 46Page - STMicroelectronics ST25TV512 Datasheet HTML 47Page - STMicroelectronics ST25TV512 Datasheet HTML 48Page - STMicroelectronics ST25TV512 Datasheet HTML 49Page - STMicroelectronics ST25TV512 Datasheet HTML 50Page - STMicroelectronics ST25TV512 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Table 78. Get System info response format Error_flag is NOT set
Response SOF
Response
flags
Information flags
UID
DSFID
AFI
VICC memory size
IC ref.
CRC16
Response EOF
-
00h
0Fh
64 bits
8 bits
8 bits 16 bits
48h
16 bits
-
Response parameters:
•
Information flags set to 0Fh. DSFID, AFI, VICC memory size (16 bits), and IC reference fields are present.
•
VICC memory size - possible values are:
–
033Fh for ST25TV02K
–
030Fh for ST25TV512
Note:
The first byte is in both cases 03h. It corresponds to a block size of 4 bytes. The 2nd byte is 3Fh when ST25TV
has 64 blocks and 0Fh when ST25TV has 16 blocks.
•
UID code on 64 bits
•
DSFID value
•
AFI value
•
ST25TV02K/512 IC reference: the 8 bits are significant.
Table 79. Get System Info response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
01h
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: Option not supported
Figure 21. Get System Info frame exchange between VCD and ST25TV02K/512
SOF
Get System info
request
VCD
ST25TV02K/512
EOF
SOF
Get System info
response
EOF
t1
6.4.17
Get Multiple Block Security Status
When receiving the Get Multiple Block Security Status command, the ST25TV02K/512 send back its security
status for each address block: 0 when block is writable else 1 when block is locked for writing. The blocks security
status are defined by the area security status (and the lock block status). The blocks are numbered from 00h up
to the maximum memory block number in the request, and the value is minus one (–1) in the field. For example,
a value of “06” in the “Number of blocks” field requests will return the security status of seven blocks. This
command does not respond an error if number of blocks overlap areas.
The number of blocks is coded on 1 Byte and only first 256 blocks of ST25TV02K/512 can be addressed using
this command.
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 47/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com