Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 36Page - STMicroelectronics ST25TV512 Datasheet HTML 37Page - STMicroelectronics ST25TV512 Datasheet HTML 38Page - STMicroelectronics ST25TV512 Datasheet HTML 39Page - STMicroelectronics ST25TV512 Datasheet HTML 40Page - STMicroelectronics ST25TV512 Datasheet HTML 41Page - STMicroelectronics ST25TV512 Datasheet HTML 42Page - STMicroelectronics ST25TV512 Datasheet HTML 43Page - STMicroelectronics ST25TV512 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
Table 57. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
Table 58. Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 14. Read Multiple Block frame exchange between VCD and ST25TV02K/512
SOF
Read Multiple
Block request
VCD
ST25TV02K/512
EOF
SOF
Read Multiple
Block response
EOF
t1
6.4.10
Select
When receiving the Select command:
•
If the UID is equal to its own UID, the ST25TV02K/512 enter or stay in the Selected state and sends a
response.
•
If the UID does not match its own UID, the selected ST25TV02K/512 return to the Ready state and does not
send a response.
The ST25TV02K/512 answer an error code only if the UID is equal to its own UID. If not, no response is
generated. If an error occurs, the ST25TV02K/512 remain in its current state.
Table 59. Select request format
Request SOF
Request_flags
Select
UID
CRC16
Request EOF
-
8 bits
25h
64 bits
16 bits
-
Request parameter:
•
Request flags
•
UID
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 40/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com