Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics ST25TV512 Datasheet HTML 35Page - STMicroelectronics ST25TV512 Datasheet HTML 36Page - STMicroelectronics ST25TV512 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
6.4.2
Command codes list
The ST25TV02K/512 support the commands described in this section. Their codes are given in
Table 40. Command codes.
Table 40. Command codes
Command code
standard
Function
Command code
custom
Function
01h
Section 6.4.4 Inventory
A5h
Section 6.4.26 Enable EAS
02h
Section 6.4.5 Stay Quiet
A6h
Section 6.4.30 Kill
20h
Section 6.4.6 Read Single Block
A7h
Section 6.4.28 Write EAS ID
21h
Section 6.4.7 Write Single Block
A8h
Section 6.4.29 Write EAS CONFIG
22h
Section 6.4.8 Lock block
B1h
Section 6.4.31 Write Kill Password
23h
Section 6.4.9 Read Multiple Blocks
Section 6.4.20 Write Password
25h
Section 6.4.10 Select
B2h
Section 6.4.32 Lock Kill
26h
Section 6.4.11 Reset to Ready
B3h
Section 6.4.21 Present Password
27h
Section 6.4.12 Write AFI
B4h
Section 6.4.40 Get Random Number
28h
Section 6.4.13 Lock AFI
BAh
Section 6.4.39 Enable Untraceable mode
29h
Section 6.4.14 Write DSFID
C0h
Section 6.4.22 Fast Read Single Block
2Ah
Section 6.4.15 Lock DSFID
C1h
Section 6.4.33 Fast Inventory Initiated
2Bh
Section 6.4.16 Get System info
C2h
Section 6.4.34 Fast Initiate
2Ch
Section 6.4.17 Get Multiple Block Security
Status
C3h
Section 6.4.23 Fast Read Multiple Blocks
A0h
Section 6.4.18 Read Configuration
D1h
Section 6.4.35 Inventory Initiated
A1h
Section 6.4.19 Write Configuration
D2h
Section 6.4.36 Initiate
A2h
Section 6.4.24 Set EAS
D3h
Section 6.4.37 Inventory read
A3h
Section 6.4.25 Reset EAS
D4h
Section 6.4.38 Fast inventory read
A4h
Section 6.4.27 Lock EAS
-
-
6.4.3
General Command Rules
In case of a valid command, the following paragraphs will describe the expected behavior for each command.
But in case of an invalid command, in a general manner, the ST25TV02K/512 will behave as follows:
1.
If flag usage is incorrect, the error code 03h will be issued only if the right UID is used in the command,
otherwise no response will be issued.
2.
The error code 02h will be issued if the custom command is used with the manufacturer code different from
the ST one
6.4.4
Inventory
Upon receiving the Inventory request, the ST25TV02K/512 run the anticollision sequence. The Inventory_flag is
set to 1. The meaning of flags 5 to 8 is shown in .
The request parameters:
•
Request flags
•
AFI if the AFI flag is set
•
Mask length
•
Mask value if mask length is different from 0
The ST25TV02K/512 do not generate any answer in case of error.
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 33/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com