Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 69Page - STMicroelectronics ST25TV512 Datasheet HTML 70Page - STMicroelectronics ST25TV512 Datasheet HTML 71Page - STMicroelectronics ST25TV512 Datasheet HTML 72Page - STMicroelectronics ST25TV512 Datasheet HTML 73Page - STMicroelectronics ST25TV512 Datasheet HTML 74Page - STMicroelectronics ST25TV512 Datasheet HTML 75Page - STMicroelectronics ST25TV512 Datasheet HTML 76Page - STMicroelectronics ST25TV512 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Symbol
Parameter
Condition(1)(2)
Min
Typ
Max
Unit
tPWD_FAIL (5)
Waiting time in case of wrong password
-
5.12
-
-
ms
CTUN_
23.5pF
Internal tuning capacitor in SO8 (6)
f = 13.56 MHz
21.4
23
24.6
pF
CTUN_
99 pF
Internal tuning capacitor in SO8(6)
f = 13.56 MHz
92.7
99.7
106.7
pF
VBACK
Backscattered level as defined by ISO test
-
10
-
-
mV
VMIN_1 (3)
RF input voltage amplitude between AC0 and AC1, VAC0-VAC1
peak to peak(3)
Inventory and Read
operations
-
4.8
-
Vpkpk
Write operations
-
6
-
Vpkpk
tRF_OFF
RF OFF time
Chip reset
2
-
-
ms
Rclosed
Resistance of closed Tamper Detect Loop
TD0-TD1
-
-
50
Ω
Ropen
Resistance of open Tamper Detect Loop
TD0-TD1
1
-
-
MΩ
1. TA =–40 to 85 °C. Characterized only.
2. All timing characterizations were performed on a reference antenna with the following characteristics:
•
ISO antenna class1
•
Tuning frequency = 13.7 MHz
3. Characterized on bench.
4. For VCD request coded in 1 out of 4 and ST25TV02K/512 response in high data rate, single sub carrier.
5. Applies from VCD request EOF to VICC response SOF.
6. The tuning capacitance value is measured with ST characterization equipment at chip Power On Reset.
This value is used as reference for antenna design. Minimum and Maximum values come from correlation
with industrial tester limits. For inlay implementation, the antenna design applied for LRI2K can be re-used
as-is for ST25TV02K. The typical value for the ST25TV02K is equivalent to what was specified in the
LRI2K data-sheet. This change is related to a different measurement methodology between LRI2K and
ST25TV02K.
Figure 29. ASK modulated signal
A
B
tRFF
tRFR
tRFSBL
tM IN CD
fCC
ST25TV02K ST25TV512
RF electrical parameters
DS12074 - Rev 11
page 73/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com