Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 25Page - STMicroelectronics ST25TV512 Datasheet HTML 26Page - STMicroelectronics ST25TV512 Datasheet HTML 27Page - STMicroelectronics ST25TV512 Datasheet HTML 28Page - STMicroelectronics ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
Table 34. Request flags 5 to 8 when inventory_flag, Bit 3 = 0
Bit nb
Flag
Level
Description
Bit 5
Select flag (1)
0
The request is executed by any ST25TV16K/64K according to the setting of Address_flag
1
The request is executed only by the ST25TV16K/64K in Selected state
Bit 6
Address flag
0
The request is not addressed. UID field is not present. The request is executed by all
ST25TV16K/64Ks.
1
The request is addressed. UID field is present. The request is executed only by the
ST25TV16K/64K whose UID matches the UID specified in the request.
Bit 7
Option flag
0
Option not activated.
1
Option activated.
Bit 8
RFU
0
-
1. If the Select_flag is set to 1, the Address_flag is set to 0 and the UID field is not present in the request.
Table 35. Request flags 5 to 8 when inventory_flag, Bit 3 = 1
Bit nb
Flag
Level
Description
Bit 5
AFI flag
0
AFI field is not present
1
AFI field is present
Bit 6
Nb_slots flag
0
16 slots
1
1 slot
Bit 7
Option flag
0
-
Bit 8
RFU
0
-
6.2.6
Response format
The response consists of:
•
an SOF
•
flags
•
parameters and data
•
a CRC
•
an EOF
Table 36. General response format
SOF
Response_flags
Parameters
Data
2-byte CRC
EOF
6.2.7
Response flags
In a response, the flags indicate how actions have been performed by the ST25TV02K/512 and whether
corresponding fields are present or not. The response flags consist of eight bits.
ST25TV02K ST25TV512
RF protocol description
DS12074 - Rev 11
page 29/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com