Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 67Page - STMicroelectronics ST25TV512 Datasheet HTML 68Page - STMicroelectronics ST25TV512 Datasheet HTML 69Page - STMicroelectronics ST25TV512 Datasheet HTML 70Page - STMicroelectronics ST25TV512 Datasheet HTML 71Page - STMicroelectronics ST25TV512 Datasheet HTML 72Page - STMicroelectronics ST25TV512 Datasheet HTML 73Page - STMicroelectronics ST25TV512 Datasheet HTML 74Page - STMicroelectronics ST25TV512 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
7
Unique identifier (UID)
The ST25TV02K/512 are uniquely identified by a 64-bit unique identifier (UID). This UID complies with
ISO/IEC 15963 and ISO/IEC 7816-6. The UID is a read-only code and comprises:
•
8 bytes
•
the MSB has a value of E0h
•
the IC manufacturer code “ST 02h” on 8 bits (ISO/IEC 7816-6/AM1),
•
a unique serial number on 48 bits
Table 151. UID format
MSB
LSB
63
56
55
48
47
40
40
0
0xE0
0x02
ST product code (1)
Unique serial number
1. See Table 30. UID for ST product code value definition.
With the UID, each ST25TV02K/512 can be addressed uniquely and individually during the anticollision loop and
for one-to-one exchanges between a VCD and an ST25TV02K/512.
ST25TV02K ST25TV512
Unique identifier (UID)
DS12074 - Rev 11
page 71/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com