Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 6Page - STMicroelectronics ST25TV512 Datasheet HTML 7Page - STMicroelectronics ST25TV512 Datasheet HTML 8Page - STMicroelectronics ST25TV512 Datasheet HTML 9Page - STMicroelectronics ST25TV512 Datasheet HTML 10Page - STMicroelectronics ST25TV512 Datasheet HTML 11Page - STMicroelectronics ST25TV512 Datasheet HTML 12Page - STMicroelectronics ST25TV512 Datasheet HTML 13Page - STMicroelectronics ST25TV512 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
5
ST25TV02K/512 specific features
ST25TV02K/512 offer the data protection feature, both user memory and system configuration, a kill mode, and a
untraceable mode.
Those features can be programmed by setting registers of the ST25TV02K/512. ST25TV02K/512 can be partially
customized using configuration registers located in the EEPROM system area.
These registers are dedicated to:
•
Data Memory organization and protection AiSS, LOCK_BLOCK.
•
Kill mode, KILL
•
The device’s structure LOCK_CFG
•
Electronic Article Surveillance (EAS)
•
TruST25™ digital signature
•
Counter
•
Tamper Detect
•
Random Number generation
•
Untraceable mode
A set of additional registers allows to identify and customize the product (DSFID, AFI, IC_REF, etc.).
Dedicated commands Read Configuration and Write Configuration must be used to access the configuration
registers. Update is only possible when the access right has been granted by presenting the configuration
password (PWD_CFG), and if the system configuration was not previously locked (LOCK_CFG=1).
After any valid write access to the configuration registers, the new configuration is immediately applied.
5.1
Kill mode
5.1.1
Kill registers
Table 6. KILL
RF
Command
Kill (cmd code A6h) UID @00h
Type
WO if PWD_KILL is correctly presented in the Kill command.
Bit
Name
Function
Factory value
N/A
KILL_MUTE
Status of the KILL feature
Inactive
Table 7. PWD_KILL
RF
Command
Write pswd (cmd code B1h) with pswd_id = 0h
Type
WO: only possible if PWD_KILL is not locked.
Bit
Name
Function
Factory value
b31-b0
KILL_PSWD
Password value for kill feature or untraceable mode
00000000h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands .
ST25TV02K ST25TV512
ST25TV02K/512 specific features
DS12074 - Rev 11
page 10/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com