Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 52Page - STMicroelectronics ST25TV512 Datasheet HTML 53Page - STMicroelectronics ST25TV512 Datasheet HTML 54Page - STMicroelectronics ST25TV512 Datasheet HTML 55Page - STMicroelectronics ST25TV512 Datasheet HTML 56Page - STMicroelectronics ST25TV512 Datasheet HTML 57Page - STMicroelectronics ST25TV512 Datasheet HTML 58Page - STMicroelectronics ST25TV512 Datasheet HTML 59Page - STMicroelectronics ST25TV512 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
Reserved for future
use All at 0
0: Current not locked
1: Current locked
Table 103. Fast Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: the option is not supported
–
10h: block address not available
–
15h: block read-protected
Figure 28. Fast Read Multiple Block frame exchange between VCD and ST25TV02K/512
SOF
Fast Read
Multiple block
request
VCD
ST25TV02K/512
EOF
SOF
Fast Read
Multiple block
response
EOF
t1
6.4.24
Set EAS
The set command will activate the function if the EAS feature is not locked nor protected by the configuration
password.
If the EAS mode is locked, the Set EAS command will be ignored, and the ST25TV02K/512 respond with an error.
When the EAS mode is not locked:
•
If the EAS mode is not protected by password, the Set EAS command will set the EAS mode.
•
If the EAS mode is password protected, the configuration password has to be first transmitted with the
PRESENT PASSWORD command. Then the set EAS command can be executed, and will set the EAS
mode.
•
If the EAS mode is password protected, but the PRESENT PASSWORD has not been transmitted before or
not successful, the set EAS command is not executed and the ST25TV02K/512 respond with an error.
Table 104. Set EAS request format
Request SOF
Request_flags
Set EAS
IC Mfg code
UID (1)
CRC16 request
EOF
-
8 bits
A2h
02h
64 bits
16 bits
-
1. The field is optional.
Request parameters:
• Request flags
• UID (optional)
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 56/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com