Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 28Page - STMicroelectronics ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics ST25TV512 Datasheet HTML 35Page - STMicroelectronics ST25TV512 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
•
Lock DSFID, used to lock the DSFID register.
•
Get System information, used to provide the standard system information values.
•
Write Password, used to update the 32 or 64 bit of the selected areas or configuration password, but only
after presenting the current one.
•
Lock Block, used to lock any user blocks.
•
Present Password, enables the user to present a password to open a security session.
•
Fast Read Single Block, used to output the 32 bits of the selected block and its locking status at doubled
data rate.
•
Fast Read Multiple Blocks, used to output the selected blocks in one or multiple areas providing the
access rights are granted at doubled data rate.
•
Get multiple block security status, used to send the security status of the selected block.
•
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
•
Inventory Initiated, used to perform the anti-collision sequence triggered by the Initiate command.
•
Fast Initiate, used to trigger the tag response to the Fast Inventory Initiated sequence (fast commands are
with higher data rate).
•
Fast Inventory Initiated, used to perform the anti-collision sequence triggered by the Fast Initiate
command.
•
Inventory read performs anti-collision sequence then output selected blocks
•
Fast Inventory read performs inventory command then execute a read with data returned at doubled data
rate.
•
Lock Kill, used to lock the Kill or untraceable mode password.
•
Kill, used to definitively deactivate the tag.
•
Set EAS, activates the EAS feature if the EAS feature is not locked. (Not protected by password or locked)
•
Reset EAS, deactivates the EAS feature if the EAS feature is not locked. (not protected by password or
locked)
•
Enable EAS, ST25TV02K/512 answer to this command only if EAS state is set. Response will include the
EAS Telegram (32 up to 256 bits depending on the EAS config)
•
Write EAS ID writes a new EAS identifier Number. (Protected by configuration password).
•
Write EAS CONFIG, used to configure the EAS telegram data length with 2bits 00 = 256 bits 01= 128 bits
10 = 64 bits 11= 32 bits (protected by configuration password).
•
Lock EAS will lock EAS mode: (reset / set) and EAS ID and the EAS Telegram.
•
Read Configuration used to read the counter values, the tamper detect status, and the number of Area.
•
Write Configuration allows to enable the counter configuration, clear counter, set number of Area (1 or 2)
and their access rights, and lock the configuration block.
•
Set Untraceable mode: sets the untraceable mode.
•
Get Random Number: generates a 16 bit number.
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 32/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com