Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics ST25TV512 Datasheet HTML 35Page - STMicroelectronics ST25TV512 Datasheet HTML 36Page - STMicroelectronics ST25TV512 Datasheet HTML 37Page - STMicroelectronics ST25TV512 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
Table 41. Inventory request format
Request SOF
Request_flags
Inventory
Optional AFI
Mask length
Mask value
CRC16
Request EOF
-
8 bits
01h
8 bits
8 bits
0 - 64 bits
16 bits
-
The response contains:
•
the flags
•
the Unique ID
Table 42. Inventory response format
Response SOF
Response_flags
DSFID
UID
CRC16
Response EOF
-
8 bits
8 bits
64 bits
16 bits
-
During an Inventory process, if the VCD does not receive an RF ST25TV02K/512 response, it waits for a time t3
before sending an EOF to switch to the next slot. t3 starts from the rising edge of the request EOF sent by the
VCD.
•
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
•
t3min = 4384/fC (323.3µs) + tSOF
•
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
•
t3min = 4384/fC (323.3µs) + tNRT + t2min
where:
•
tSOF is the time required by the ST25TV02K/512 to transmit an SOF to the VCD,
•
tNRT is the nominal response time of the ST25TV02K/512.
tNRT and tSOF are dependent on the ST25TV02K/512-to-VCD data rate and subcarrier modulation mode.
Note:
In case of error, no response is sent by ST25TV02K/512.
6.4.5
Stay Quiet
On receiving the Stay Quiet command, the ST25TV02K/512 enter the Quiet state if no error occurs, and does
NOT send back a response. There is NO response to the Stay Quiet command even if an error occurs.
When in the Quiet state:
•
the ST25TV02K/512 do not process any request if the Inventory_flag is set,
•
the ST25TV02K/512 process any request with Address_flag set.
The ST25TV02K/512 exit the Quiet state when:
•
it is reset (power off),
•
receiving a Select request. It then goes to the Selected state,
•
receiving a Reset to Ready request. It then goes to the Ready state.
Request parameters:
•
request flags
•
UID
Table 43. Stay Quiet request format
Request SOF
Request flags
Stay Quiet
UID
CRC16
Request EOF
-
8 bits
02h
64 bits
16 bits
-
The Stay Quiet command must always be executed in Addressed mode (Select_flag is reset to 0 and
Address_flag is set to 1).
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 34/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com