Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 27Page - STMicroelectronics ST25TV512 Datasheet HTML 28Page - STMicroelectronics ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics ST25TV512 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
t2 is also the time after which the VCD may send a new request to the ST25TV02K/512, as described in
Figure 8. ST25TV02K/512 protocol timing.
Values of t2 are given in Table 39. Timing values.
t3: VCD new request delay when no response is received from the VICC
t3 is the time after which the VCD may send an EOF to switch to the next slot when no ST25TV02K/512 response
has been received.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25TV02K/512.
From the time the VCD has generated the rising edge of an EOF:
•
If this EOF is 100% modulated, the VCD waits for a time at least equal to t3min for 100% modulation before
sending a new EOF.
•
If this EOF is 10% modulated, the VCD waits for a time at least equal to t3min for 10% modulation before
sending a new EOF.
Table 39. Timing values
Minimum (min) values
Nominal (nom) values
Maximum (max) values
100% modulation
10% modulation
t1
4320 / fc = 318.6 µs
4352 / fc = 320.9 µs
4384 / fc = 323.3 µs(1)
t2
4192 / fc = 309.2 µs
No tnom
No tmax
t3
t1max(2)+tSOF(3)
t1max(2)+tNRT (4)+t2min
No tnom
No tmax
1. VCD request will not be interpreted during the first milliseconds following the field rising.
2. t1max does not apply for write-alike requests. Timing conditions for write-alike requests are defined in the command
description.
3. tSOF is the time taken by the ST25TV02K/512 to transmit an SOF to the VCD. tSOF depends on the current data rate: High
data rate or Low data rate.
4. tNRT is the nominal response time of the ST25TV02K/512. tNRT depends on VCD to ST25TV02K/512 data rate and
sub-carrier modulation mode.
Note:
The tolerance of specific timing is ±32 / fC.
6.4
RF commands
6.4.1
RF command code list
The ST25TV02K/512 support the following legacy and extended RF command set:
•
Inventory, used to perform the anticollision sequence.
•
Stay Quiet, used to put the ST25TV02K/512 in quiet mode, where it does not respond to any inventory
command.
•
Select, used to select the ST25TV02K/512. After this command, the ST25TV02K/512 process all Read/
Write commands with Select_flag set.
•
Reset To Ready, used to put the ST25TV02K/512 in the ready state.
•
Read Single Block, used to output the 32 bit of the selected block and its locking status.
•
Write Single Block, used to write and verify the new content for an update of a 32 bit block, provided that it
is not in a locked memory area.
•
Read Multiple Blocks, used to read the selected 32 bit blocks and their locking statuses, and send back
their value.
•
Write AFI, used to write the 8-bit value in the AFI register.
•
Lock AFI, used to lock the AFI register.
•
Write DSFID, used to write the 8-bit value in the DSFID register.
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 31/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com