Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 18Page - STMicroelectronics ST25TV512 Datasheet HTML 19Page - STMicroelectronics ST25TV512 Datasheet HTML 20Page - STMicroelectronics ST25TV512 Datasheet HTML 21Page - STMicroelectronics ST25TV512 Datasheet HTML 22Page - STMicroelectronics ST25TV512 Datasheet HTML 23Page - STMicroelectronics ST25TV512 Datasheet HTML 24Page - STMicroelectronics ST25TV512 Datasheet HTML 25Page - STMicroelectronics ST25TV512 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
5.10
Tamper detect
5.10.1
Tamper detect register
Tamper detection
Table 24. TAMPER_DETECT
Bit
Command
Read Cfg (cmd code A0h) @5h
Type
RO
Name
Function
Factory value
b0
TAMPER_DETECT
State of Tamper:
0: loop is open. Tamper is detected
1: loop is closed. No tamper is detected
0b
b7-b1
RFU
-
000000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands for
the TAMPER_DETECT register.
5.10.2
Tamper detection description
The Tamper detection allows to check the shortage between the 2 TD0 and TD1 pins of the ST25TV02K/512.
This state TAMPER_DETECT is captured by ST25TV02K/512 each time that the ST25TV02K/512 are powered
and available upon demand by the reader using the Read Cfg command with CFG_ID 5. (Tamper detection)
This information will be lost during power off. (No permanent storage of the status.)
This is the customer responsibility to check the register status and behave accordingly.
The short impedance should be less than 50 Ω.
The tamper detect feature is available for the ST25TV02K/512-AD devices only. On other configurations, a Read
Cfg of the Tamper Detection register will return an error code.
If the two inputs pins TD0, TD1 are shorted with a wire at the time RF field is turned on, the tamper register will
have a value “1”. If TD0, TD1 are not shorted at the time RF field is turned on, the tamper register will have a
value “0”.
5.11
Device parameter registers
Table 25. LOCK_DSFID
Bit
Command
Lock DSFID (cmd code 2Ah)
Type
WO if DSFID not locked
Name
Function
Factory value
b0
LOCK_DSFID
0: DSFID is not locked
1: DSFID is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
LOCK_DSFID register.
Table 26. LOCK_AFI
Bit
Command
Lock AFI (cmd code 28h)
ST25TV02K ST25TV512
Tamper detect
DS12074 - Rev 11
page 22/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com