Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 4Page - STMicroelectronics ST25TV512 Datasheet HTML 5Page - STMicroelectronics ST25TV512 Datasheet HTML 6Page - STMicroelectronics ST25TV512 Datasheet HTML 7Page - STMicroelectronics ST25TV512 Datasheet HTML 8Page - STMicroelectronics ST25TV512 Datasheet HTML 9Page - STMicroelectronics ST25TV512 Datasheet HTML 10Page - STMicroelectronics ST25TV512 Datasheet HTML 11Page - STMicroelectronics ST25TV512 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
4.2
User memory
User memory is addressed as blocks of 4 bytes, starting at address 0. Table 2. 2Kb user memory as seen by RF
shows how memory is seen from RF interface.
Table 2. 2Kb user memory as seen by RF
RF command
(block addressing)
User memory
Read Single Block
Read Multiple Blocks
Fast Read Single Block
Fast Read Multiple Blocks
Write Single Block
Inventory Read
Fast Inventory Read
RF block 00h
Byte
0003h
Byte
0002h
Byte
0001h
Byte
0000h
RF block 01h
Byte
0007h
Byte
0006h
Byte
0005h
Byte
0004h
RF block 02h
Byte
0011h
Byte
0010h
Byte
0009h
Byte
0008h
....
RF block 3Fh
Byte
03FFh
Byte
03FEh
Byte
03FDh
Byte
03FCh
4.2.1
User memory areas
The user memory can be split into two or three different areas as showed in Table 3. Memory Organization
Table 3. Memory Organization
Part Number
Three areas configuration
Two areas configuration
Area 0
Area 1
Area 2
Area 0
Area 1
ST25TV512
Block 0
Block 1 to 7
Block 8 to 15
Block 0
Block 1 to 15
ST25TV02K
Block 0
Block 1 to 31
Block 32 to 63
Block 0
Block 1 to 63
Each area has a distinct access privilege as explained below:
•
Area 0 is always readable. It can be locked.
•
Areas 1 and 2 can be protected in read and/or write access by password.
Each block of Areas 1 and 2 can be individually locked (see Section 5.2 Data protection).
4.3
System configuration area
In addition to the user memory, the ST25TV02K/512 include a set of registers located in the system configuration
area memory (EEPROM nonvolatile registers). These registers are set during device configuration (i.e.: area
extension), or by the application (i.e.: area protection)., their content is read during the boot sequence and defines
basic ST25TV02K/512 behaviour.
The registers located in the system configuration area can be accessed via dedicated Read Configuration and
Write Configuration commands, with a pointer acting as the register address.
The configuration security session must first be open, by presenting a valid configuration password, to grant write
access to system configuration registers.
Table 4 shows the complete map of the system configuration area.
ST25TV02K ST25TV512
User memory
DS12074 - Rev 11
page 8/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com