Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 3Page - STMicroelectronics ST25TV512 Datasheet HTML 4Page - STMicroelectronics ST25TV512 Datasheet HTML 5Page - STMicroelectronics ST25TV512 Datasheet HTML 6Page - STMicroelectronics ST25TV512 Datasheet HTML 7Page - STMicroelectronics ST25TV512 Datasheet HTML 8Page - STMicroelectronics ST25TV512 Datasheet HTML 9Page - STMicroelectronics ST25TV512 Datasheet HTML 10Page - STMicroelectronics ST25TV512 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
4
Memory management
4.1
Memory organization overview
The ST25TV02K/512 memory is divided in two main memory areas:
•
User memory
•
System configuration area
The ST25TV02K/512 user memory can be divided into two or three user areas. Area 0 starts at address 0, it has
1 block size, it is always readable, and it can be locked.
The rest of the user memory can be either configured as one single area (Area 1) and can be read - and/or
- write-protected with one 64-bit password, or configured as two areas (Area 1 and Area 2), which can be
individually read - and/or - write-protected with a 32-bit password each. When Area 2 exists, Area 2 starts at the
block number corresponding to half the user memory.
Furthermore, each block can be locked permanently and individually for larger flexibility in number of areas
The ST25TV02K/512 system configuration area contains registers to configure all ST25TV02K/512 features,
which can be tuned by user. Its access is protected by a 32 bit configuration password.
This system configuration area also includes read only device information such as IC reference, memory size,
as well as a 64-bit block that is used to store the 64-bit unique identifier (UID), the AFI (default 00h) and DSFID
(default 00h) registers, the TruST25™ digital signature. The UID is compliant with the ISO 15693 description, and
its value is used during the anticollision sequence (Inventory). The UID value is written by ST on the production
line. The AFI register stores the application family identifier. The DSFID register stores the data storage family
identifier used in the anticollision algorithm.
The system configuration area includes blocks that store up to two RF user area access passwords and a RF
configuration password.
Figure 5. Memory organization
Area 1
Area 0:
1 block (always readable)
Half user
memory
User memory
(EEPROM up
to 2-Kbits)
Password
protected
Area 2
Area 0:
1 block (always readable)
Area 1
Note: Each block can be individually locked
ST25TV02K ST25TV512
Memory management
DS12074 - Rev 11
page 7/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com