Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics ST25TV512 Datasheet HTML 35Page - STMicroelectronics ST25TV512 Datasheet HTML 36Page - STMicroelectronics ST25TV512 Datasheet HTML 37Page - STMicroelectronics ST25TV512 Datasheet HTML 38Page - STMicroelectronics ST25TV512 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Figure 10. Stay Quiet frame exchange between VCD and ST25TV02K/512
SOF
Stay Quiet
request
VCD
ST25TV02K/512
EOF
6.4.6
Read Single Block
On receiving the Read Single Block command, the ST25TV02K/512 read the requested block and sends back its
32-bit value in the response. The Option_flag is supported, when set response include the Block Security Status.
Block number is coded on 1 Byte.
Table 44. Read Single Block request format
Request SOF
Request_flags
Read Single Block
UID (1)
Block number
CRC16
Request EOF
-
8 bits
20h
64 bits
8 bits
16 bits
-
1. The field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number
Table 45. Read Single Block response format when Error_flag is NOT set
Response SOF
Response_flags
Block security status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits
32 bits
16 bits
-
1. The field is optional.
Response parameters:
•
Block security status if Option_flag is set (see Table 46. Block security status)
•
Four bytes of block data
Table 46. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
Table 47. Read Single Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 35/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com