Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 12Page - STMicroelectronics ST25TV512 Datasheet HTML 13Page - STMicroelectronics ST25TV512 Datasheet HTML 14Page - STMicroelectronics ST25TV512 Datasheet HTML 15Page - STMicroelectronics ST25TV512 Datasheet HTML 16Page - STMicroelectronics ST25TV512 Datasheet HTML 17Page - STMicroelectronics ST25TV512 Datasheet HTML 18Page - STMicroelectronics ST25TV512 Datasheet HTML 19Page - STMicroelectronics ST25TV512 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
5.3
Untraceable mode
5.3.1
Untraceable mode register
Table 15. Untraceable mode register
RF
Command
Enable untraceable mode (cmd code BAh) with pswd_id = 0h
Type
WO : only possible if untraceable mode password has been written before, always
writable otherwise
Bit
Name
Function
Factory value
b31-b0
UNTRACEABLE
_MODE_PSWD
Password value for feature untraceable mode
00000000h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
untraceable mode register.
5.3.2
Untraceable mode description
With the EnableUntraceableMode command, the ST25TV02K/512 do not respond to any command except
Present Password and Get Random Number, guaranteeing the untraceability to customer requests.
The EnableUntraceableMode command requires the untraceable access code (fixed value) and the crypted
untraceable mode password to be presented for ST25TV02K/512 to enter into this mode.
To get out of the mode, the valid crypted untraceable mode password has to be transmitted to ST25TV02K/512
with the Present password command. The crypted untraceable mode password is obtained from the random
number and the untraceable mode password as explained in AN5103 "Password encryption for ST25TV512 and
ST25TV02K devices", available on www.st.com. When not used in an end application, a random value must be
written into the KILL_PWD password, and the KILL_PWD must be locked with Lock kill.
5.4
Random number
5.4.1
Random number register
Table 16. Random number register
RF
Command
Get random number (cmd code B4h)
Type
RO: is only possible with Get random number command.
Bit
Name
Function
Factory value
b15-b0
RANDOM_NUMBER
16-bit random number generated by ST25TV02K/512
N/A
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
random number register.
5.4.2
Random number description
The GET_RANDOM_NUMBER returns a 16-bit random number.
ST25TV02K ST25TV512
Untraceable mode
DS12074 - Rev 11
page 16/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com