Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 9Page - STMicroelectronics ST25TV512 Datasheet HTML 10Page - STMicroelectronics ST25TV512 Datasheet HTML 11Page - STMicroelectronics ST25TV512 Datasheet HTML 12Page - STMicroelectronics ST25TV512 Datasheet HTML 13Page - STMicroelectronics ST25TV512 Datasheet HTML 14Page - STMicroelectronics ST25TV512 Datasheet HTML 15Page - STMicroelectronics ST25TV512 Datasheet HTML 16Page - STMicroelectronics ST25TV512 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
Table 12. PWD_A1
RF
Command
Write pswd (cmd code B1h) with pswd_id = 1h
Type
WO: if RF area 1 security session is open (area 1 password has been presented before).
Bit
Name
Function
Factory value
b31-b0
A1_PSWD
When MEM_ORG=0: Password value for user area 1
When MEM_ORG=1: 32 least significant bits of the 64-bit Password
value for user area 1
00000000h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands
Table 13. PWD_A2
RF
Command
Write pswd (cmd code B1h) with pswd_id = 2h
Type
WO: if RF area 2 security session is open (area 2 password has been presented before). Only
applicable to the case of MEMORG=0
Bit
Name
Function
Factory value
b31-b0
A2_PSWD
When MEM_ORG=0: Password value for user area 2 in case of three
area memory setup
When MEM_ORG=1: 32 most significant bits of area 1 password in
case of two area memory setup
(in this last case area 1 password is 64-bit long)
00000000h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands .
5.2.2
Passwords and security sessions
ST25TV02K/512 provide protection of user memory and system configuration registers. The users can access
those protected data by opening security sessions with the help of passwords. Access rights are more restricted
when security sessions are closed, and less restricted when security sessions are open.
There are two types of security sessions, as shown in Table 14:
Table 14. Security session type
Security session
Open by presenting
Right granted when security session is open, and until it is
closed
user
password Area 1, Area 2
(PWD_A1, PWD_A2)
user access to protect user memory as defined in AiSS registers
user write access to password A1 or A2(1)
configuration
Configuration password
(PWD_CFG)
user write access to configuration registers
1. Write access to the password number corresponding to the password number presented.
In a three areas set up (MEM_ORG set at 0), each of the User Area 1 and 2 passwords is 32-bits long, and
default factory passwords value is 00000000h.
In a two areas setup (MEM_ORG set at 1), User Area 1 password is 64-bits long, and default factory password
value is 0000000000000000h.
The ST25TV02K/512 passwords management is organized around dedicated set of commands to access the
dedicated registers in system configuration area.
The dedicated password commands are:
•
Write Password command (code B1h): See Section 6.4.20 Write Password.
•
Present Password command (code B3h): See Section 6.4.21 Present Password
User possible actions for security sessions are:
ST25TV02K ST25TV512
Data protection
DS12074 - Rev 11
page 13/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com