Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TV512 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25TV512
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25TV512 Datasheet HTML 26Page - STMicroelectronics ST25TV512 Datasheet HTML 27Page - STMicroelectronics ST25TV512 Datasheet HTML 28Page - STMicroelectronics ST25TV512 Datasheet HTML 29Page - STMicroelectronics ST25TV512 Datasheet HTML 30Page - STMicroelectronics ST25TV512 Datasheet HTML 31Page - STMicroelectronics ST25TV512 Datasheet HTML 32Page - STMicroelectronics ST25TV512 Datasheet HTML 33Page - STMicroelectronics ST25TV512 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
Table 37. Definitions of response flags 1 to 8
Bit Nb
Flag
Level
Description
Bit 1
Error_flag
0
No error
1
Error detected. Error code is in the “Error” field.
Bit 2
RFU
0
-
Bit 3
RFU
0
-
Bit 4
RFU
0
-
Bit 5
RFU
0
-
Bit 6
RFU
0
-
Bit 7
RFU
0
-
Bit 8
RFU
0
-
6.2.8
Response and error code
If the Error_flag is set by the ST25TV02K/512 in the response, the Error code field is present and provides
information about the error that occurred.
Error codes not specified in Table 38. Response error code definition are reserved for future use.
Table 38. Response error code definition
Error code
Meaning
01h
Command is not supported.
02h
Command is not recognized (format error).
03h
The option is not supported.
0Fh
Error with no information given.
10h
The specified block is not available.
11h
The specified block is already locked and thus cannot be locked again.
12h
The specified block is locked and its contents cannot be changed.
13h
The specified block was not successfully programmed.
14h
The specified block was not successfully locked.
15h
The specified block is protected in read.
No response
It might indicate illegal programming
6.3
Timing definition
t1: VICC response delay
Upon detection of the rising edge of the EOF received from the VCD, the ST25TV02K/512 wait for a t1nom time
before transmitting their response to a VCD request or switching to the next slot during an inventory process.
Values of t1 are given in Table 39. Timing values.
t2: VCD new request delay
t2 is the time after which the VCD may send an EOF to switch to the next slot when one or more ST25TV02K/512
responses have been received during an Inventory command. It starts from the reception of the EOF from the
ST25TV02K/512s.
The EOF sent by the VCD may be either 10% or 100% modulated regardless of the modulation index used for
transmitting the VCD request to the ST25TV02K/512.
ST25TV02K ST25TV512
Timing definition
DS12074 - Rev 11
page 30/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com