Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 25 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 23Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 24Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 25Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 26Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 27Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTC3312SA
25
Rev. 0
For more information www.analog.com
VIN
3.0V T0 5.5V
10F
1F
1.3M
200k
499k
10F
PVIN2
EN2
NC
MODE/SYNC
SSTT2
SSTT1
RT
AVIN
EN1
PVIN1
LTC3312SA
SW1
FB1
PGOOD2
PGOOD1
SW2
FB2
PGND
3312SA TA04
AGND
15pF
680nH
110nH
68F
×2
VOUT1
0.5V, 6A
VOUT2
2.5V, 6A
402k
100k
47F
×2
1M
VOUT2
10F
1F
10F
39nF
100nF
PVIN2
EN2
MODE/SYNC
SSTT2
SSTT1
RT
AVIN
EN1
ENABLE
VIN
3.3V
PVIN1
LTC3312SA
SW1
FB1
PGOOD1
PGOOD2
SW2
FB2
PGND
3312SA TA05
AGND
15pF
680nH
10pF
150nH
200k
200k
47F
×2
VOUT1
1.0V, 6A
VOUT2
2.5V, 6A
402k
100k
47F
×2
VOUT1
VOUT2
1M
1M
Dual 0.5V and 2.5V, 2MHz, 6A, UVLO = 3.0V, Sequential Power-Up
Sequencing (VOUT1 powers first), Forced Continuous Mode
Dual 1.0V and 2.5V, 2MHz, 6A, VIN = 3.3V, Voltage Tracking Power-Up
Sequencing (with tSS1 = 4.9ms, tSS2 = 12.5ms), Burst Mode Operation
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com