Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 14Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 15Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC3312SA
18
Rev. 0
For more information www.analog.com
Table 2. Recommended Inductors with Typical Specifications
INDUCTANCE
(nH)
ITEMP (A)*
ISAT (A)
DCR (mΩ)
W × L × H (mm)
MANUFACTURER
MANUFACTURER'S PART
NUMBER
220 to 560
9.3 to 5.1
9.3 to 6.7
9.5 to 18.7
3.0 × 3.0 × 1.2
Vishay
IHLP-1212AB-11
330
5.2
6.8
16
2.7 × 2.2 × 1.0
Sumida
252010CDMCCDS-R33MC
330, 470
5.1, 4.9
7.6, 6.7
19, 23 (Max)
2.5 × 2.0 × 1.2
Murata
DFE252012F
330
4.8
6.8
16
2.5 × 2.0 × 1.0
Murata
DFE252010F-R33M
330
5.5
7.3
16
2.5 × 2.0 × 1.0
Cyntec
HMLQ25201T-R33MSR
330
5.5
8.3
14
3.0 × 3.0 × 2.0
Wurth Elektronik
744383360033
250
5.5
12
10
3.2 × 2.5 × 1.5
Wurth Elektronik
74479290125
240
6
9.5
18
2.5 × 2.0 × 1.0
NIC
NPIM20LP
240
6.5
7.5
15
2.0 × 1.6 × 1.0
NIC
NPIM26LP
240
5.2
6.5
19
2.2 ×1.8×1.0
Sumida
201610CDMCCDS-R24MC
240
5
6.6
19 (Max)
2.0 × 1.6 × 1.2
Murata
DFE201612E-R24M
240
4.7
6.3
20 (Max)
2.0 × 1.6 × 1.0
Murata
DFE201610E-R24M
220
5.9
7.0
9.4
2.5 × 2.0 × 1.0
Cyntec
HMLB25201T-R22MSR-01
220
7.4
7.1
8.4
2.5 × 2.0 × 1.2
Vishay
IHHP1008ABERR22M01
220
8.0
7.0
13 (Max)
2.5 × 2.0 × 1.2
XFRMS
XFHCL43LT-R22M
72 to 560
23.6 to 8.1
16.0 to 6.5
2.85 to 21.5
3.2 × 3.5 × 1.5
Coilcraft
XEL3515
110
5.5
8.8
12 (Max)
2.0 × 1.2 × 1.0
Murata
DFE201210S-R11M
100
11.13
7.38
7.31
3.3 × 3.3 × 1.0
Vishay
IHLP1212AZEER10M5A
100 to 470
5.6 to 12
5.8 to 10
4 to 19
2.5 × 2.0 × 1.2
TDK
TFM252012ALMA
*Strongly depends on the PCB thermal properties
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com