Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3312SAAVPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3312SAAVPBF
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SAAVPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3312SAAVPBF Datasheet HTML 16Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 17Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 18Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 19Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 20Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 21Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 22Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 23Page - Analog Devices LTC3312SAAVPBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC3312SA
20
Rev. 0
For more information www.analog.com
feedforward capacitor CFF placed between VOUT and FB.
Capacitor CFF provides phase lead compensation by cre-
ating a high frequency zero which improves the phase
margin and the high frequency response. The values used
in the typical application circuits are good starting points.
LTpowerCAD® is a useful tool to help optimize CFF and
COUT for a desired transient performance.
Applying a load transient and monitoring the response of
the system or using a network analyzer to measure the
actual loop response are two ways to experimentally verify
transient performance and control loop stability, and to
optimize CFF and COUT.
When using the load transient response method to sta-
bilize the control loop, apply an output current pulse of
20% to 100% of full load current having a very fast rise
time. This will produce a transient on the output voltage.
Monitor VOUT for overshoot or ringing that would indicate
a stability problem (see Application Note AN149).
Output Voltage Sensing
The LTC3312SA’s AGND pin is the ground reference for
the internal analog circuitry, including the bandgap voltage
reference. For the single output, 2-phase application, load
regulation can be improved by connecting the AGND pin
to the negative terminal of the output capacitor (COUT) at
the load. Any drop in the high current power ground return
path will be compensated. All of the signal components,
such as the FB resistor dividers and the RT resistor, should
be referenced to the AGND node. AGND carries very little
current and, therefore, can be a minimal size trace.
For dual-buck applications, connect the FB resistor divid-
ers, the RT resistor ground, and the AVIN capacitor ground
to the AGND pin close to the part. Connect AGND, using a
via, to a low resistance ground plane that minimizes any
voltage drops between AGND and the negative terminals
of the buck output capacitors.
Enable Threshold Programming
The LTC3312SA has precision threshold enable pins for
each buck regulator to enable or disable each buck. When
both are forced low, the device enters into a low current
shutdown mode.
The rising threshold of both EN comparators is 400mV,
with 50mV of hysteresis. The EN pins can be tied to AVIN
if the shutdown feature is not used. Adding a resistor
divider from PVIN to an EN pin programs the LTC3312SA
to regulate that output only when PVIN is above a desired
voltage. Typically, this threshold, VIN(EN), is used in situ-
ations where the input supply is current limited or has
a relatively high source resistance. A switching regula-
tor draws near constant power from its input source, so
source current increases as source voltage drops. This
looks like a negative resistance load to the source and can
cause the source to current limit or latch low under low
source voltage conditions. The VIN(EN) threshold prevents
the regulator from operating at source voltages where
problems may occur. Referring to Figure 2, this threshold
can be adjusted by setting the values R1 and R2 such that
they satisfy Equation 10.
PVIN EN
( ) =
R1
R2
+ 1
⎛
⎝⎜
⎞
⎠⎟
• 400mV
(10)
R1
PVIN
EN
3312SA F02
BUCK
SWITCHING
REGULATOR
R2
Figure 2. EN Divider
The buck regulator will remain off until PVIN is above
PVIN(EN). The buck regulator will remain enabled until
PVIN falls to 0.875 • PVIN(EN) and EN is 350mV.
Alternatively, a resistor divider from the output of one
buck to the EN pin of the second buck provides event-
based power-up sequencing, as the first buck reaching
regulation enables the second buck. Replace PVIN(EN) in
Equation 10 with the desired output voltage of the first
buck, (e.g., 90% of the regulated value), at which the
second buck is enabled.
Output Voltage Tracking and Soft-Start
Each buck regulator has an independent SSTT pin. An
internal 4µA current pulls up each SSTT pin when that
buck is enabled, allowing an external capacitor from
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com